Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML13135LP Datasheet(PDF) 6 Page - LANSDALE Semiconductor Inc.

Part # ML13135LP
Description  FM Communications Receiver; Dual Conversion Narrowband FM Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13135LP Datasheet(HTML) 6 Page - LANSDALE Semiconductor Inc.

Back Button ML13135LP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 10Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.lansdale.com
Page 6 of 11
Issue 0
LANSDALE Semiconductor, Inc.
ML13135
The ML13135 is a complete dual conversion receiver. This
includes two local oscillators, two mixers, a limiting IF ampli-
fier and detector, and an op amp. It will provide a voltage
buffered RSSI with 70 dB of usable range, isolated tuning
diode and buffered LO output for PLL operation, and a sepa-
rate VCC pin for the first mixer and LO. Improvements have
been made in the temperature performance of both the recov-
ered audio and the RSSI.
VCC
Two separate VCC lines enable the first LO and mixer to
continue running while the rest of the circuit is powered down.
They also isolate the RF from the rest of the internal circuit.
Local Oscillators
The local oscillators are grounded collector Colpitts, which
can be easily crystal–controlled or VCO controlled with the
on–board varactor and external PLL. The first LO transistor is
internally biased, but the emitter is pinned–out and IQ can be
increased for high frequency or VCO operation. The collector
is not pinned out, so for crystal operation, the LO is generally
limited to 3rd overtone crystal frequencies; typically around 60
MHz. For higher frequency operation, the LO can be provided
externally as shown in Figure 16.
Buffer
An amplifier on the 1st LO output converts the single–ended
LO output to a differential signal to drive the mixer. Capacitive
coupling between the LO and the amplifier minimizes the
effects of the change in oscillator current on the mixer.
Buffered LO output is pinned–out at Pin 3 for use with a PLL,
with a typical output voltage of 320 mVpp at VCC= 4.0 V and
with a 5.1 k resistor from Pin 3 to ground. As seen in Figure
14, the buffered LO output varies with the supply voltage and
a smaller external resistor may be needed for low voltage oper-
ation. The LO buffer operates up to 60 MHz, typically. Above
60 MHz, the output at Pin 3 rolls off at approximately 6.0 dB
per octave. Since most PLLs require about 200 mVpp drive, an
external amplifier may be required.
Mixers
The first and second mixer are of similar design. Both are
double balanced to suppress the LO and input frequencies to
give only the sum and difference frequencies out. This config-
uration typically provides 40 to 60 dB of LO suppression. New
design techniques provide improved mixer linearity and third
order intercept without increased noise. The gain on the output
of the 1st mixer starts to roll off at about 20 MHz, so this
receiver could be used with a 21 MHz first IF. It is designed
for use with a ceramic filter, with an output impedance of 330
Ω. A series resistor can be used to raise the impedance for use
with a crystal filter, which typically has an input impedance of
4.0 k
Ω. The second mixer input impedance is approximately
4.0 k
Ω; it requires an external 360 Ω parallel resistor for use
with a standard ceramic filter.
Limiting IF Amplifier and Detector
The limiter has approximately 110 dB of gain, which starts
rolling off at 2.0 MHz. Although not designed for wideband
operation, the bandwidth of the audio frequency amplifier has
been widened to 50 kHz, which gives less phase shift and
enables the receiver to run at higher data rates. However, care
should be taken not to exceed the bandwidth allowed by local
regulations.
The ML13135 is designed for use with an LC quadrature
detector, and does not have sufficient drive to be used with a
ceramic discriminator. The discriminators and the external
matching circuit will affect the distortion and recovered audio.
RSSI/Op Amp
The Received Signal Strength Indicator (RSSI) on the
ML13135 has about 70 dB of range. The resistor needed to
translate the RSSI current to a voltage output has been includ-
ed on the internal circuit, which gives it a tighter tolerance. A
temperature compensated reference current also improves the
RSSI accuracy over temperature. On the ML13135, the op amp
is not connected internally and can be used for the RSSI or as
a data slicer (see Figure 17c).
CIRCUIT DESCRIPTION
Figure 14. Buffered LO Output Voltage
versus Supply Voltage
600
500
400
300
200
100
VCC, SUPPLY VOLTAGE (Vdc)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
RPin3 = 3.0 kΩ
RPin3 = 5.1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com