Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML13135LP Datasheet(PDF) 9 Page - LANSDALE Semiconductor Inc.

Part # ML13135LP
Description  FM Communications Receiver; Dual Conversion Narrowband FM Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13135LP Datasheet(HTML) 9 Page - LANSDALE Semiconductor Inc.

Back Button ML13135LP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 11Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.lansdale.com
Page 9 of 11
Issue 0
LANSDALE Semiconductor, Inc.
ML13135
RSSI
VCC2
SPEAKER
RF IN
MC13135
MC13136
Figure 18. PC Board Solder Side View
Figure 19. PC Board Component View
(Circuit Side View)
NOTES: 1. 0.2
µH tunable (unshielded) inductor
2. 39 MHz Series mode resonant
3rd Overtone Crystal
3. 1.5
µH tunable (shielded) inductor
4. 10.245 MHz Fundamental mode crystal,
32 pF load
5. 455 kHz ceramic filter, muRata CFU 455B
or equivalent
6. Ceramic discriminator, muRata CDB455C34
or equivalent
7. 10.7 MHz ceramic filter, muRata SFE10.7MJ–A
or equivalent
3.375
″
2200p
27p
5p
0.1
120p
0.1
0.1
0.1
2.7k
0.1
0.22
0.15
1.0k
360
0.01
62p
1.0 k
39 MHz
10.245 MHz
1.0
10
+4.7
+10
MC34119
XT
XT
+
CF
455 KHz
3
4
5
2
1
7
+
270p
6
10k
Legacy Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com