Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5C4-R20K Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E5C4-R20K
Description  DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5C4-R20K Datasheet(HTML) 4 Page - Omron Electronics LLC

  E5C4-R20K Datasheet HTML 1Page - Omron Electronics LLC E5C4-R20K Datasheet HTML 2Page - Omron Electronics LLC E5C4-R20K Datasheet HTML 3Page - Omron Electronics LLC E5C4-R20K Datasheet HTML 4Page - Omron Electronics LLC E5C4-R20K Datasheet HTML 5Page - Omron Electronics LLC E5C4-R20K Datasheet HTML 6Page - Omron Electronics LLC E5C4-R20K Datasheet HTML 7Page - Omron Electronics LLC E5C4-R20K Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
E5C4
E5C4
4
Dimensions
Note:
All units are in millimeters unless otherwise indicated.
93
+1
0
141
+1
0
189
+1
0
237
+1
0
285
+1
0
Terminal Arrangement
(Bottom View)
48 x 48
44.8 x 44.8
Dimensions with Flush-mounting Adapter (Accessory),
and Back Connecting Socket (Sold Separately)
Panel Cutout
Flush-mounting
adapter
Panel
Y92F-30 Flush-mounting adapter
P3G-08 Back
connecting socket
Tightening screw
(96) (see note)
Note:
109 mm for US08 Back Connecting Socket
60 min.
60 min.
Side-by-side Mounting
of N Controllers
N
2
3
456
L
Note:
1. Recommended panel thickness is 1 to 4 mm.
2. Close side-by-side mounting is possible (in a single direction).
Accessories (Order Separately)
P2CF-08 Front Connecting Socket
Terminal Arrangement/
Internal Connections
(Top View)
Mounting Holes
70 max.
Eight, M3.5 x 7.5 sems
Two,
4.5-dia.
holes
Two, 4.5 dia. or Two, M4
50 max.
20 max.
Note:
Can also be
mounted to a
DIN track.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com