Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5C4-R20K Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E5C4-R20K
Description  DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5C4-R20K Datasheet(HTML) 5 Page - Omron Electronics LLC

  E5C4-R20K Datasheet HTML 1Page - Omron Electronics LLC E5C4-R20K Datasheet HTML 2Page - Omron Electronics LLC E5C4-R20K Datasheet HTML 3Page - Omron Electronics LLC E5C4-R20K Datasheet HTML 4Page - Omron Electronics LLC E5C4-R20K Datasheet HTML 5Page - Omron Electronics LLC E5C4-R20K Datasheet HTML 6Page - Omron Electronics LLC E5C4-R20K Datasheet HTML 7Page - Omron Electronics LLC E5C4-R20K Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
E5C4
E5C4
5
P3G-08 Back Connecting Socket (for Flush Mounting)
Terminal Arrangement/
Internal Connections
(Bottom View)
27 dia.
Installation
Connections
Input
Connect a thermocouple or platinum resistance thermometer to the
E5C4 as shown in the following illustration.
Thermocouple input
Platinum resistance
thermometer input
Voltage output (Terminal 6 is
an NC terminal)
Relay output
Supply voltage
100/110, 200/220,
110/120, 220/240 VAC,
50/60 Hz
Output
If the load circuit is a heating control system, be sure to connect the
load to terminals 4 and 5. If the load circuit is a cooling control sys-
tem, be sure to connect the load to terminals 4 and 6. If the heating
control system is connected to terminals 4 and 6 or the cooling con-
trol system is connected to terminals 4 and 5, the temperature of the
heating control system or cooling control system will be abnormal
and a serious accident may result.
If the E5C4 is in frequent operation, such as proportional operation,
add an appropriate external relay to the E5C4 by considering the ca-
pacity of the load and the life of the relay.
Do not ground the output of any E5C4 that has voltage output, other-
wise the process temperature may not be accurate.
Power Supply
If a single power supply is used for the E5C4 and the load, the supply
voltage of the power supply may vary greatly when the load is open
or closed if the capacity of the power supply is not large enough.
Make sure that the capacity of the power supply is large enough so
that the supply voltage range will be always from 90% to 110% of the
rated supply voltage.
The E5C4 operates at either 50 or 60 Hz.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com