Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5C4-R40J Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E5C4-R40J
Description  DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5C4-R40J Datasheet(HTML) 1 Page - Omron Electronics LLC

  E5C4-R40J Datasheet HTML 1Page - Omron Electronics LLC E5C4-R40J Datasheet HTML 2Page - Omron Electronics LLC E5C4-R40J Datasheet HTML 3Page - Omron Electronics LLC E5C4-R40J Datasheet HTML 4Page - Omron Electronics LLC E5C4-R40J Datasheet HTML 5Page - Omron Electronics LLC E5C4-R40J Datasheet HTML 6Page - Omron Electronics LLC E5C4-R40J Datasheet HTML 7Page - Omron Electronics LLC E5C4-R40J Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Temperature Controller
E5C4
DIN-sized (48 x 48 mm) Temperature
Controller With Digital Setting
Compact, low-cost Temperature Controller
Incorporates proportional adjustment and reset
adjustment function.
Incorporates a plug-in socket, thus allows to
DIN-track and flush mounting.
Ordering Information
Temperature Controllers
Setting method
Indication
Control
Output
Model
method
mode
Thermocouple
(with sensor burnout detection
circuit)
Platinum resistance
thermometer
JPt100
Digital setting
Digital indication
ON/OFF
Relay
E5C4-R20K
E5C4-R20J
E5C4-R20P
Voltage (for
driving SSR)
E5C4-Q20K
E5C4-Q20J
E5C4-Q20P
P
Relay
E5C4-R40K
E5C4-R40J
E5C4-R40P
Voltage (for
driving SSR)
E5C4-Q40K
E5C4-Q40J
E5C4-Q40P
Note:
When placing an order, specify the standard temperature range and supply voltage in addition to the model number.
(e.g., E5C4-R20K
0
°C to 399°C 100/110 VAC)
Accessories (Order Separately)
Name
Model
Front Connecting Socket
P2CF-08
Back Connecting Socket (for flush mounting)
P3G-08
Watertight Cover
Y92A-48N
Temperature Ranges
Input
Thermocouple
Platinum resistance
thermometer
K (CA)
Chromel vs. alumel
J (IC)
Iron vs. constantan
JPt100
Range
°C
0 to 399
0 to 999
0 to 399
0 to 99.9
°F
32 to 799
32 to 999
32 to 999
32 to 799
32 to 199
Setting
1
°C/°F
1
°C/°F
1
°C/°F
0.1
°C/1°F


Similar Part No. - E5C4-R40J

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5C2 OMRON-E5C2 Datasheet
277Kb / 6P
DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
E5C2-Q20G OMRON-E5C2-Q20G Datasheet
277Kb / 6P
DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
E5C2-Q20GD OMRON-E5C2-Q20GD Datasheet
277Kb / 6P
DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
E5C2-Q20J OMRON-E5C2-Q20J Datasheet
277Kb / 6P
DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
E5C2-Q20JD OMRON-E5C2-Q20JD Datasheet
277Kb / 6P
DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
More results

Similar Description - E5C4-R40J

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5C2 OMRON-E5C2 Datasheet
277Kb / 6P
DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
E5CS-X OMRON-E5CS-X Datasheet
173Kb / 12P
Temperature Controller DIN-sized (48��48 mm) Temperature Controller Features Automatic P (proportional action) Tuning Function
logo
Fuji Electric
EDS11-44A FUJI-EDS11-44A Datasheet
271Kb / 5P
DIGITAL SETTING TEMPERATURE CONTROLLER DIGIZET MINI
EDS11-87A FUJI-EDS11-87A Datasheet
333Kb / 5P
48mm TEMPERATURE CONTROLLER(Z-48)
EDS11-158C FUJI-EDS11-158C Datasheet
248Kb / 12P
PX series digital temperature controller MICRO-CONTROLLER X (48 횞 48 mm)
EDS11-159C FUJI-EDS11-159C Datasheet
297Kb / 16P
PX series digital temperature controller MICRO-CONTROLLER X (48 횞 96 mm)
logo
Omron Electronics LLC
H3CA-A OMRON-H3CA-A Datasheet
2Mb / 16P
DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
H3CA8DC24 OMRON-H3CA8DC24 Datasheet
1Mb / 16P
DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
Y92S-27 OMRON-Y92S-27 Datasheet
6Mb / 61P
DIN 48 x 48-mm Multifunctional Timer Series
logo
Schneider Electric
RE48ASETCOV SCHNEIDER-RE48ASETCOV Datasheet
104Kb / 3P
Harmony, Setting protective cover for timing relay 48 x 48 mm
Aug 25, 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com