Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5C4-R40J Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E5C4-R40J
Description  DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5C4-R40J Datasheet(HTML) 2 Page - Omron Electronics LLC

  E5C4-R40J Datasheet HTML 1Page - Omron Electronics LLC E5C4-R40J Datasheet HTML 2Page - Omron Electronics LLC E5C4-R40J Datasheet HTML 3Page - Omron Electronics LLC E5C4-R40J Datasheet HTML 4Page - Omron Electronics LLC E5C4-R40J Datasheet HTML 5Page - Omron Electronics LLC E5C4-R40J Datasheet HTML 6Page - Omron Electronics LLC E5C4-R40J Datasheet HTML 7Page - Omron Electronics LLC E5C4-R40J Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
E5C4
E5C4
2
Specifications
Ratings
Supply voltage
100/110, 200/220, 110/120, 220/240 VAC, 50/60 Hz
Operating voltage range
90% to 110% of rated supply voltage
Power consumption
Approx. 2 VA
Input
Thermocouple (with sensor burnout detection circuit) or platinum resistance thermometer
Control mode
ON/OFF or P control
Setting method
Digital setting
Indication method
Digital indication
Control output
Relay output:
SPDT, 3 A at 250 VAC, resistive load (switching capacity: 330 VA)
Voltage output for SSR: 10 mA at 5 VDC (with short-circuit protection)
H: 5
±1 V; L: 0.5 V max.
Characteristics
Setting accuracy
±2% FS max.
Indication accuracy
±2% FS max.
Indication range
Within set temperature range
Hysteresis
Approx. 0.2% FS (fixed)
Proportional band
3% FS (fixed)
Proportional period
Relay output:
Approx. 20 s
Voltage output:
Approx. 2 s
Reset range (see note 1)
±1.5% FS min. (variable)
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min between charged terminals and uncharged metallic parts
Vibration resistance
Malfunction: 10 to 55 Hz, 0.3-mm double amplitude for 10 min each in X, Y, and Z directions
Destruction: 16.7 Hz, 4-mm double amplitude for 2 hrs each in X, Y, and Z directions
Shock resistance
Malfunction: 147 m/s2 (15G), 3 times each in 6 directions
Destruction: 294 m/s2 (30G), 3 times each in 6 directions
Life expectancy
Mechanical: 10,000,000 operations min.
Electrical:
100,000 operations min. (3 A at 110 VAC, resistive load)
Ambient temperature
Operating:
–10
°C to 55°C (with no icing)
Ambient humidity
Operating:
45% to 85%
Enclosure ratings
Front panel:
IEC standard IP40 (see note 2)
Terminals:
IEC standard IP00
Weight
Approx. 200 g (with flush-mounting adapter)
Note:
1. The reset adjuster of any E5C4 model with ON/OFF control is used to correct any error of the set temperature that is displayed so
that the displayed temperature will coincide with the temperature that has been preset. The reset shaft of any E5C4 is used to reset
the E5C4 model with proportional control.
2. The model number of the special watertight cover conforming to IP66, NEMA4 is Y92A-48N.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com