Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7220AD Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7220AD
Description  DUAL DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7220AD Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO7220AD Datasheet HTML 7Page - Texas Instruments ISO7220AD Datasheet HTML 8Page - Texas Instruments ISO7220AD Datasheet HTML 9Page - Texas Instruments ISO7220AD Datasheet HTML 10Page - Texas Instruments ISO7220AD Datasheet HTML 11Page - Texas Instruments ISO7220AD Datasheet HTML 12Page - Texas Instruments ISO7220AD Datasheet HTML 13Page - Texas Instruments ISO7220AD Datasheet HTML 14Page - Texas Instruments ISO7220AD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.ti.com
DEVICE INFORMATION
IEC PACKAGE CHARACTERISTICS
IEC 60664-1 RATINGS TABLE
IEC 60747-5-2 INSULATION CHARACTERISTICS
(1)
ISO7220A, ISO7220C, ISO7220M
ISO7221A, ISO7221C, ISO7221M
SLLS755F – JULY 2006 – REVISED AUGUST 2007
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
L(I01)
Minimum air gap (Clearance)
Shortest terminal-to-terminal distance through air
4.8
mm
SOIC-8
L(I02)
Minimum external tracking
Shortest terminal-to-terminal distance across the
4.3
mm
(Creepage)
package surface
CTI
Tracking resistance (Comparative
DIN IEC 60112 / VDE 0303 Part 1
≥175
V
Tracking Index)
Minimum Internal Gap (Internal
Distance through the insulation
0.008
mm
Clearance)
Input to output, VIO = 500 V, all pins on each side of the
barrier tied together creating a two-terminal device,
>1012
Ω
RIO
Isolation resistance
TA < 100°C
Input to output, VIO = 500 V, 100°C ≤ TA ≤ max
>1011
Ω
CIO
Barrier capacitance Input to output
VI = 0.4 sin (4E6πt)
1
pF
CI
Input capacitance to ground
VI = 0.4 sin (4E6πt)
1
pF
NOTE: Creepage and clearance requirements should be applied according to the specific equipment isolation
standards of an application. Care should be taken to maintain the creepage and clearance distance of a board
design to ensure that the mounting pads of the isolator on the printed circuit board do not reduce this distance.
Creepage and clearance on a printed circuit board become equal according to the measurement techniques
shown in the Isolation Glossary. Techniques such as inserting grooves and/or ribs on a printed circuit board are
used to help increase these specifications.
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic isolation group
Material group
IIIa
Rated mains voltage
≤150 VRMS
I-IV
Installation classification
Rated mains voltage
≤300 VRMS
I-III
Rated mains voltage
≤400 VRMS
I-II
PARAMETER
TEST CONDITIONS
SPECIFICATION
UNIT
VIORM
Maximum working insulation
560
voltage
Method b1, VPR = VIORM × 1.875,
V
VPR
Input to output test voltage
1050
100% Production test with t = 1 s, Partial discharge <5 pC
VIOTM
Transient overvoltage
t = 60 s
4000
RS
Insulation resistance
VIO = 500 V at TS
>109
Ω
Pollution degree
2
(1)
Climatic Classification 40/125/21
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com