Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7220AD Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7220AD
Description  DUAL DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7220AD Datasheet(HTML) 17 Page - Texas Instruments

Back Button ISO7220AD Datasheet HTML 13Page - Texas Instruments ISO7220AD Datasheet HTML 14Page - Texas Instruments ISO7220AD Datasheet HTML 15Page - Texas Instruments ISO7220AD Datasheet HTML 16Page - Texas Instruments ISO7220AD Datasheet HTML 17Page - Texas Instruments ISO7220AD Datasheet HTML 18Page - Texas Instruments ISO7220AD Datasheet HTML 19Page - Texas Instruments ISO7220AD Datasheet HTML 20Page - Texas Instruments ISO7220AD Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
www.ti.com
APPLICATION INFORMATION
Typical Applications
1
2
3
4
5
6
7
8
ISO 7220
VCC 1
VCC2
INB
OUTB
GND 1
GND 2
INPUT
OUTPUT
0.1mF
0.1mF
20 mm
max .
from
Vcc 1
20 mm
max .
from
Vcc 2
INA
OUTA
INPUT
OUTPUT
1
2
3
4
5
6
7
8
ISO 7221
VCC 1
VCC 2
INB
OUTB
GND 1
GND 2
INPUT
OUTPUT
0.1mF
0.1mF
20 mm
max .
from
Vcc 1
20 mm
max .
from
Vcc 2
INA
OUTA
INPUT
OUTPUT
10
100
0
250
500
750
1000
WORKINGVOLTAGE(V IORM)--V
V
at560V
IORM
28
880
120
ISO7220A, ISO7220C, ISO7220M
ISO7221A, ISO7221C, ISO7221M
SLLS755F – JULY 2006 – REVISED AUGUST 2007
Figure 17. Typical ISO7220 Application Circuit
Figure 18. Typical ISO7221 Application Circuit
Figure 19. Time Dependent Dielectric Breakdown Test Results
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com