Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3152 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3152
Description  120mA HIGH EFFICIENCY WHITE LED DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3152 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3152 Datasheet HTML 1Page - Diodes Incorporated AP3152 Datasheet HTML 2Page - Diodes Incorporated AP3152 Datasheet HTML 3Page - Diodes Incorporated AP3152 Datasheet HTML 4Page - Diodes Incorporated AP3152 Datasheet HTML 5Page - Diodes Incorporated AP3152 Datasheet HTML 6Page - Diodes Incorporated AP3152 Datasheet HTML 7Page - Diodes Incorporated AP3152 Datasheet HTML 8Page - Diodes Incorporated AP3152 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP3152
120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3152 Rev. 1
5 of 11
SEPTEMBER 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
CIN = COUT = C1 = C2 = 1.0µF; TA = 25°C, VIN = 3.5V. Unless otherwise stated.
Symbol
Description
Conditions
Min
Typ.
Max
Units
IQ
Quiescent Current
1X Mode
Fosc=1.2MHz,
SDI=HIGH, no load
1.2
mA
ISHDN
Shutdown Current
SDI = 0
-1
1
µA
IDX
ISINK Current Accuracy1
ISINK = 20mA
-10
10
%
ID-Match
Current Matching2
VF: D1=D2=D3=D4
5
%
TSS
Soft-start Time
1
ms
FCLK
Switching Clock Frequency
0.6/1.2/1.8
MHz
FSSP
Spread Spectrum
Enabled
+10
%
VSDI(L)
SDI Threshold Low
VIN = 2.7V
0.4
V
VSDI(H)
SDI Threshold High
VIN = 5.5V
1.6
V
TSLO
SDI Low Time
0.05
50
µs
TSHI
SDI High Time
0.05
50
µs
PWM Frequency (Range 1)
0.2
1.5
KHz
fPWM
PWM Frequency (Range 2)
20
30
KHz
TPWM
PWM Signal Period
1/
fPWM-Max
1/
fPWM-Min
µs
TPLO
PWM Signal Low (LED off)
1
TPWM – 1
µs
TPHI
PWM Signal High (LED on)
1
TPWM – 1
µs
PWM
65
100
ms
TOFF
Chip Disable (held low)
No PWM
512
800
µs
PWM
65
100
ms
TSEP
Interval between SDI
sequences (held high)
No PWM
512
800
µs
ISDI
SDI Input Leakage
-1
1
µA
PD
Maximum Power
Dissipation1
0.85
W
θ
JA
Thermal Resistance1 –
Junction to Ambient
DFN3030-12
(Note 6)
160
°C/W
θ
JC
Maximum Thermal
Resistance1 – Junction to
case
DFN3030-12
(Note 6)
21
°C/W
Note:
4. Determined by the average current levels of all active channels.
5. Defined as the deviation of any sink current from the average of all active current channels
6. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com