Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3152 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3152
Description  120mA HIGH EFFICIENCY WHITE LED DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3152 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3152 Datasheet HTML 3Page - Diodes Incorporated AP3152 Datasheet HTML 4Page - Diodes Incorporated AP3152 Datasheet HTML 5Page - Diodes Incorporated AP3152 Datasheet HTML 6Page - Diodes Incorporated AP3152 Datasheet HTML 7Page - Diodes Incorporated AP3152 Datasheet HTML 8Page - Diodes Incorporated AP3152 Datasheet HTML 9Page - Diodes Incorporated AP3152 Datasheet HTML 10Page - Diodes Incorporated AP3152 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AP3152
120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3152 Rev. 1
10 of 11
SEPTEMBER 2007
www.diodes.com
© Diodes Incorporated
Disabled Current Sinks
Unused current channels must be disabled by connecting the
sinks to VOUT with only a small sense current flowing through the
disabled channel.
Soft-Start and Soft-Stop
Soft-start and Soft-stop function are incorporated to prevent
excessive inrush current during power-up, mode switching,
power-down, transition out of stand-by mode.
Short-Circuit Protection
Short-circuit protection function is incorporated to prevent
excessive load current when either flying cap terminals or output
pin electrically tied to a very lower voltage or ground.
Over-Voltage Protection
Over-voltage protection function is incorporated to limit the
output voltage under a safe value to avoid on-chip device
breakdown.
Under-Voltage Lockout
Under-voltage lockout feature disables the device when the
input voltage drops below UVLO threshold.
Thermal Shutdown
When the die temperature exceeds the thermal limit, the device
will be disabled and enter stand-by mode. The operation will be
resumed whenever the die cools off sufficiently.
Switching Frequency
By default, AP3152 is working at 1.2Mhz switching frequency. It
can also work at 0.6MHz or 1.8MHz switching frequency set
through SDI. User can choose the appropriate switching
frequency with consideration of noise immunity, input/output
voltage ripple requirement, and capacitor selection etc.
Up Spread Spectrum Control
When this feature is enabled through SDI, the switching
frequency periodically varies between 100% and 110% of
nominal frequency.
It flattens the peak energy on nominal
frequency over a range of frequency band so that EMI effect is
significantly reduced.
PWM Dimming Control
The AP3152 provides flexible dimming control with either
16-level SDI protocol control or PWM dimming control through
SDI pin. When PWM dimming control is enabled, the sink
current is adjusted by the duty cycle of the signal applied on SDI
pin.
Marking Information
Y :Year 0~9
M : Month A~L
( Top View )
X :G : Green
Y M X
XX
XX : FH : AP3152
Part Number
Package
Identification Code
AP3152
DFN3030-12
FH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com