Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLF Datasheet(PDF) 12 Page - STMicroelectronics

Part # STW5098BBLF
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLF Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STW5098BBLF Datasheet HTML 8Page - STMicroelectronics STW5098BBLF Datasheet HTML 9Page - STMicroelectronics STW5098BBLF Datasheet HTML 10Page - STMicroelectronics STW5098BBLF Datasheet HTML 11Page - STMicroelectronics STW5098BBLF Datasheet HTML 12Page - STMicroelectronics STW5098BBLF Datasheet HTML 13Page - STMicroelectronics STW5098BBLF Datasheet HTML 14Page - STMicroelectronics STW5098BBLF Datasheet HTML 15Page - STMicroelectronics STW5098BBLF Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 85 page
background image
Pinout
STw5098
12/85
F8
AI
1CAPLINEIN
A capacitor must be connected between CAPLINEIN and ground
F9
AI
1MICRP
Left and right channel differential pins for microphone input
F10
AI
1AUX3R
Left and right channel single ended pins for microphone or line input
F11
AI
2MICRP
Left and right channel differential pins for microphone input
G1
AI
1AUX2LN
Left and right channel differential pins for microphone or line input
G2
AI
2AUX2LN
Left and right channel differential pins for microphone or line input
G3
AI
1LINEINL
Left and right channel single ended pins for line input
G4
AI
2LINEINL
Left and right channel single ended pins for line input
G8
P
GNDA
Ground pin for the analog section
G9
AI
1AUX2RP
Left and right channel differential pins for microphone or line input.
G10
AI
1AUX2RN
Left and right channel differential pins for microphone or line input
G11
AI
2AUX2RN
Left and right channel differential pins for microphone or line input
H1
AI
1AUX2LP
Left and right channel differential pins for microphone or line input
H2
AI
2AUX2LP
Left and right channel differential pins for microphone or line input
H3
AO
2OLN
Audio differential line out amplifier for left and right channels. This
outputs can drive up to 1k
Ω resistive load. Can be used as single
ended output.
H4
P
GNDCM
Ground pin for analog reference.
GNDCM can be connected to GNDA
H5
AO
1EARPS
EARPS, EARNS (sense) pins must be connected on the application
board to EARP, EARN pins respectively. The connection must be as
close as possible to the pins.
H6
AO
1EARP
Analog differential loudspeaker amplifier output for left channel or
right channel or the sum of both. This output can drive 50nF (with
series resistor) or directly an earpiece transductor from 8
Ω. to 32Ω.
Can deliver from 500mW to 125mW.
H7
P
VCCP
Power supply pin for the left and right output drivers (headphones
and line-out). Operating range: from VCCA to 3.3V
H8
AO
1HPR
Audio single ended headphones amplifier outputs for left and right
channels. The outputs can drive 50nF (with series resistor) or
directly an earpiece transductor of 16
Ω.
H9
AO
2ORN
Audio differential line out amplifier for left and right channels. This
outputs can drive up to 1k
Ω resistive load. Can be used as single
ended output.
H10
AI
2LINEINR
Left and right channel single ended pins for line input
H11
AI
2AUX2RP
Left and right channel differential pins for microphone or line input
J1
AO
1OLN
Audio differential line out amplifier for left and right channels. This
outputs can drive up to 1k
Ω resistive load. Can be used as single
ended output.
Table 1.
STw5098 pin description
Position
Type
Pin name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com