Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLF Datasheet(PDF) 46 Page - STMicroelectronics

Part # STW5098BBLF
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLF Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STW5098BBLF Datasheet HTML 42Page - STMicroelectronics STW5098BBLF Datasheet HTML 43Page - STMicroelectronics STW5098BBLF Datasheet HTML 44Page - STMicroelectronics STW5098BBLF Datasheet HTML 45Page - STMicroelectronics STW5098BBLF Datasheet HTML 46Page - STMicroelectronics STW5098BBLF Datasheet HTML 47Page - STMicroelectronics STW5098BBLF Datasheet HTML 48Page - STMicroelectronics STW5098BBLF Datasheet HTML 49Page - STMicroelectronics STW5098BBLF Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 85 page
background image
Control registers
STw5098
46/85
5.9
Interrupt control and control interface SPI out mode
Note:
Value at IRQ pin is:
CR#
(hex)
Description
D7D6D5D4
D3
D2D1
D0
Def.
CR31
(1Fh)
Interrupt mask
VLSHEN
PUSH
BEN
HSDETEN VLSHMSK
PUSH
BMSK
HSDET
MSK
OVFMSK
PORMSK
0000
0000
CR32
(20h)
Interrupt status
VLSH
PUSHB
HSDET
VLSHEV
PUSHBEV HSDETEV
OVFEV
POREV
0000
0000
CR33
(21h)
Misc. control
x
X
SPIOHIZ
SPIOSEL(1:0)
IRQCMOS
OVFDA
OVFAD
0000
0000
Table 25.
CR31 description
Bits
Name
Value
CR31description
Def.
7VLSHEN
1
0
VLSH status can be seen at IRQ output
VLSH status is masked
0
6
PUSHBEN
1
0
PUSHB status can be seen at IRQ output
PUSHB status is masked
0
5
HSDETEN
1
0
HSDET status can be seen at IRQ output
HSDET status is masked
0
4VLSHMSK
1
0
VLSH event can be seen at IRQ output
VLSH event is masked
0
3
PUSHBMSK
1
0
PUSHB event can be seen at IRQ output
PUSHB event is masked
0
2
HSDETMSK
1
0
HSDET event can be seen at IRQ output
HSDET event is masked
0
1OVFMSK
1
0
OVF event can be seen at IRQ output
OVF event is masked
0
0PORMSK
1
0
POR event can be seen at IRQ output
POR event is masked
0
Table 26.
CR32 description
Bits
Name
Read
only
CR32 description
Def.
7VLSH*
1
0
VCCLS is above 4.2 V
VCCLS is below 4.0 V
0
6
PUSHB*
1
0
Headset Button is pressed
Headset Button is released
0
5
HSDET*
1
0
Headset Connector is inserted
Headset Connector is not inserted
0
IRQ
(1 or Z) when (CR31 & CR32) = 00 hex
0
when (CR31 & CR32)
00 hex
≠
⎩
⎨
⎧
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com