Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5041 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5041
Description  Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5041 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5041 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5041 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5041 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5041 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5041
No.4779–2/4
Switching Time Test Circuit
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F 1V E
C
I
,
V
5
=
C
A
1
=
0
10
2
h E
F 2V E
C
I
,
V
5
=
C
A
5
=
47
e
m
i
T
e
g
a
r
o
t
St g
t
s
IC
I
,
A
4
=
1
B
I
,
A
7
.
0
=
2
B
A
0
.
2
–
=
0
.
2s
µ
e
m
i
T
ll
a
Ftf
IC
I
,
A
4
=
1
B
I
,
A
7
.
0
=
2
B
A
0
.
2
–
=
1
.
02
.
0s
µ
Continued from preceding page.
PW=20
µs
D.C.
≤1%
INPUT
VCC=200V
50
Ω
IB1
IB2
100
µF
470
µF
VBE= --5V
VR
+
+
RL=50Ω
OUTPUT
ITR07820
IC -- VBE
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
2
3
1
6
4
5
7
VCE=5V
10
1.0
ITR07821
hFE -- IC
3
5
35
72
0.1
72
1.0
7
10
2
3
5
5
7
5
7
2
3
VCE=5V
Ta=120
°C
25°
C
--40
°C
ITR07818
ITR07819
IC -- VCE
0
123
4
5
6
7
8
9
10
0
2
1
4
5
3
6
7
8
IB=0
VCE(sat) -- IC
0.1
23
2
5
3
5
7
1.0
77
0.1
1.0
5
3
3
5
7
7
2
5
3
7
2
IC / IB=5
Ta= --40°
C
25°C
120
°C
2.0A
1.8A
1.6A
1.4A
1.2A
1.0A
0.8A
0.6A
0.4A
0.2A
Collector-to-Emitter Voltage, VCE – V
Base-to-Emitter Voltage, VBE – V
Collector Current, IC – A
Collector Current, IC – A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com