Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5041 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5041
Description  Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5041 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5041 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5041 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5041 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5041 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5041
No.4779–3/4
0
20
40
60
80
100
120
140
160
0
30
10
20
40
50
60
70
PC -- Tc
0
20
40
60
80
100
120
140
160
0
0.5
1.0
2.0
2.5
3.0
3.5
1.5
PC -- Ta
ITR07827
ITR07824
ITR07825
ITR07826
A S O
10
3
5
5
7
5
7
2
2
3
22
3
5
5
3
7
57
100
7
1000
1.0
7
2
10
0.1
3
IC=7A
2
ICP=16A
P
C =60W
Tc=25
°C
Single pulse
A S O
3
5
5
7
7
2
2
3
2
5
33
100
2
7
5
7
1000
1.0
7
2
10
0.1
L=500
µH
IB2= --2A
Tc=25
°C
Single pulse
7
0.1
7
1.0
5
35
3
22
7
10
7
1.0
0.1
5
5
5
7
3
3
2
2
ITR07822
SW Time -- IC
VCC=200V
IC / IB1=6
IB2 / IB1=3
R load
VCC=200V
IC=4A
IB1=0.7A
R load
ITR07823
tstg
tf
7
0.1
7
1.0
7
5
35
3
22
7
7
1.0
0.1
5
5
7
10
5
3
3
2
2
SW Time -- IB2
tstg
tf
No
heat
sink
Collector Current, IC – A
Base Current, IB2 – A
Collector-to-Emitter Voltage, VCE – V
Collector-to-Emitter Voltage, VCE – V
Ambient Temperature, Ta –˚C
Case Temperature, Tc –˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com