Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1710 Datasheet(PDF) 9 Page - ams AG

Part # AS1710
Description  High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1710 Datasheet(HTML) 9 Page - ams AG

Back Button AS1710 Datasheet HTML 5Page - ams AG AS1710 Datasheet HTML 6Page - ams AG AS1710 Datasheet HTML 7Page - ams AG AS1710 Datasheet HTML 8Page - ams AG AS1710 Datasheet HTML 9Page - ams AG AS1710 Datasheet HTML 10Page - ams AG AS1710 Datasheet HTML 11Page - ams AG AS1710 Datasheet HTML 12Page - ams AG AS1710 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.austriamicrosystems.com
Revision 1.04
9 - 17
AS1710/AS1712
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8 Application Information
Package Power Dissipation
Caution: Due to the high output current drive, this op amp can exceed the absolute maximum power-dissipation rat-
ing. Normally, when peak current is less than or equal to 40mA the maximum package power dissipation is
not exceeded for any of the package types offered.
The absolute maximum power-dissipation rating of each package should always be verified. (EQ 1) gives an approxi-
mation of the package power dissipation:
PPACKAGEDISS
≅ VRMS IRMS COS
θ
(EQ 1)
Where:
VRMS is the RMS voltage from VDD to VOUT when sourcing current, and from VOUT to VSS when sinking current.
IRMS is the RMS current flowing in or out of the op amp and the load.
θ is the phase difference between the voltage and the current. For resistive loads, COSθ = 1.
Figure 21. Typical AS1710/AS1712 Single-Supply Application
VRMS can be calculated as:
VRMS
≅ (VDD - VDC) + VPEAK /
√2(EQ 2)
Where:
VDC is the DC component of the output voltage.
VPEAK is the highest positive excursion of the AC component of the output voltage.
For the circuit shown in Figure 21:
VRMS = (3.6V - 1.8V) + 1.0V/
√2 = 2.507VRMS
IRMS can be calculated as:
IRMS
≅ IDC + (IPEAK/
√2)
(EQ 3)
Where:
IDC is the DC component of the output current.
IPEAK is the highest positive excursion of the AC component of the output current.
For the circuit shown in Figure 21:
IRMS = (1.8V/32
Ω) + (1.0V/32Ω)/
√2 = 78.4mARMS
Therefore, for the circuit in Figure 21 the package power dissipation can be calculated as:
PPACKAGEDISS = VRMS IRMS COS
θ = 196mW
Adding a coupling capacitor improves the package power dissipation because there is no DC current to the load, as
shown in Figure 22 on page 10.
VIN = 2VP-P
R
+
–
R
AS1710
32
Ω
C
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com