Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1710 Datasheet(PDF) 11 Page - ams AG

Part # AS1710
Description  High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1710 Datasheet(HTML) 11 Page - ams AG

Back Button AS1710 Datasheet HTML 7Page - ams AG AS1710 Datasheet HTML 8Page - ams AG AS1710 Datasheet HTML 9Page - ams AG AS1710 Datasheet HTML 10Page - ams AG AS1710 Datasheet HTML 11Page - ams AG AS1710 Datasheet HTML 12Page - ams AG AS1710 Datasheet HTML 13Page - ams AG AS1710 Datasheet HTML 14Page - ams AG AS1710 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.austriamicrosystems.com
Revision 1.04
11 - 17
AS1710/AS1712
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 23. Rail-to-Rail Input/Output Range, 100k
Ω
Figure 24. Rail-to-Rail Input/Output Range, 32
Ω
Note: The absolute maximum ratings (see page 3) for power dissipation and output short-circuit duration (10s, max)
must be adhered to since the output current can exceed 200mA (see Typical Operating Characteristics on
page 6).
Input Capacitance
The parallel-connected differential input stages for rail-to-rail operation results in relatively large input capacitance CIN
(6pF typ). This introduces a pole at frequency (2
πR′CIN)-1, where R′ is the parallel combination of the gain-setting
resistors for the inverting or non-inverting amplifier configuration (Figure 25). If the pole frequency is less than or com-
parable to the unity-gain bandwidth (10MHz), the phase margin is reduced, and the amplifier exhibits degraded AC
performance through either ringing in the step response or sustained oscillations.
Figure 25. Inverting and Non-inverting Amplifiers with Feedback Compensation
The pole frequency is 10MHz when R
′ = 2kΩ. To maximize stability, R′ << 2kΩ is recommended.
To improve step response when R
′ > 2kΩ, connect a small capacitor (CF) between the inverting input and output. CF
can be calculated by:
CF = 6(R/RF) [pf]
(EQ 6)
Where:
RF is the feedback resistor.
R is the gain-setting resistor.
2.5µs/Div
2.5µs/Div
VCC = 3.0V,
RLOAD = 32
Ω
VCC = 3.0V,
RLOAD = 100k
Ω
VIN
RF
–
+
AS1710
CF
VOUT
R
R
′ = R II R
F
RFCF = RCIN
Inverting
VIN
RF
–
+
AS1710
CF
VOUT
R
Non-Inverting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com