Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1710B-ASCT Datasheet(PDF) 12 Page - ams AG

Part # AS1710B-ASCT
Description  High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1710B-ASCT Datasheet(HTML) 12 Page - ams AG

Back Button AS1710B-ASCT Datasheet HTML 8Page - ams AG AS1710B-ASCT Datasheet HTML 9Page - ams AG AS1710B-ASCT Datasheet HTML 10Page - ams AG AS1710B-ASCT Datasheet HTML 11Page - ams AG AS1710B-ASCT Datasheet HTML 12Page - ams AG AS1710B-ASCT Datasheet HTML 13Page - ams AG AS1710B-ASCT Datasheet HTML 14Page - ams AG AS1710B-ASCT Datasheet HTML 15Page - ams AG AS1710B-ASCT Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
www.austriamicrosystems.com
Revision 1.04
12 - 17
AS1710/AS1712
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Driving Capacitive Loads
The AS1710/AS1712 amplifiers have a high tolerance for capacitive loads, and are stable with capacitive loads up to
100pF.
Figure 26 shows a typical non-inverting capacitive-load driving circuit in the unity-gain configuration.
Figure 26. Capacitive-Load Driving Circuit
Note: Resistor RISO improves the circuit’s phase margin by isolating the load capacitor from the AS1710/AS1712 out-
put.
Power-Up
The AS1710/AS1712 typically settle within 5µs after power-up.
Shutdown
When SHDNN (not included in B versions) is pulled low, supply current drops to 0.5µA (per amplifier, VDD = 2.7V), the
amplifiers are disabled, and their outputs are driven to VSS. Because the outputs are actively driven to VSS in shut-
down, any pullup resistor on the output causes a current drain from the supply.
Note: Pulling SHDNN high enables the amplifier. In the AS1712 the amplifiers shutdown in pairs.
When exiting shutdown, there is a 6µs delay before the amplifier output becomes active.
Power Supplies and Layout
The AS1710/AS1712 can operate from a single 2.7 to 5.5V supply or from dual ±1.35 to ±2.5V supplies. Good design
improves device performance by decreasing the amount of stray capacitance at the op amp inputs/outputs.
!
For single-supply operation, bypass the power supply with a 0.1µF ceramic capacitor.
!
For dual-supply operation, bypass each supply to ground.
!
Decrease stray capacitance by placing external components close to the op amp pins, minimizing trace and lead
lengths.
RISO
–
+
AS1710
CF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com