Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1710B-ASCT Datasheet(PDF) 4 Page - ams AG

Part # AS1710B-ASCT
Description  High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1710B-ASCT Datasheet(HTML) 4 Page - ams AG

  AS1710B-ASCT Datasheet HTML 1Page - ams AG AS1710B-ASCT Datasheet HTML 2Page - ams AG AS1710B-ASCT Datasheet HTML 3Page - ams AG AS1710B-ASCT Datasheet HTML 4Page - ams AG AS1710B-ASCT Datasheet HTML 5Page - ams AG AS1710B-ASCT Datasheet HTML 6Page - ams AG AS1710B-ASCT Datasheet HTML 7Page - ams AG AS1710B-ASCT Datasheet HTML 8Page - ams AG AS1710B-ASCT Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.austriamicrosystems.com
Revision 1.04
4 - 17
AS1710/AS1712
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
DC Electrical Characteristics
VDD = 2.7V, VSS = 0V, VCM = VDD/2, VOUT = VDD/2, RLOAD = Infinite, VSHDNN = VDD, TAMB = -40 to +125ºC. Typical val-
ues at TAMB = 25°C.
Table 4. DC Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDD
Supply Voltage Range
Inferred from Power Supply
Rejection Ratio Test
2.7
5.5
V
VOFFSET
Input Offset Voltage
-3
0.6
+3
mV
IBIAS
Input Bias Current
VCM = VSS to VDD
50
1
1. Guaranteed by design.
pA
IOFFSET
Input Offset Current
VCM = VSS to VDD
50
1
pA
RIN
Input Resistance
1000
1
M
Ω
VCM
Common Mode Input
Voltage Range
Inferred from Common Mode
Rejection Ratio
1
VSS
VDD
V
CMRR
Common Mode
Rejection Ratio
VSS < VCM < VDD
-45
-70
dB
PSRR
Power Supply Rejection Ratio
VDD = 2.7 to 5.5V
-70
-85
dB
ROUT
Shutdown Output Impedance
VSHDNN = 0V (A-Versions)
130
1
Ω
VOUT-SHDNN
Shutdown Output Voltage
VSHDNN = 0V, RLOAD = 2k
Ω to VDD
(A-Versions)
170
300
mV
AVOL
Large Signal Voltage Gain
VSS + 0.20V < VOUT <
VDD - 0.20V
RLOAD = 100k
Ω
85
100
dB
RLOAD = 2k
Ω
79
92
RLOAD = 200
Ω
69
80
VOUT
Output Voltage Swing
VDD - VOH or
VOL - VSS
RLOAD = 32
Ω
350
650
mV
RLOAD = 200
Ω
70
120
RLOAD = 2k
Ω
920
Output Voltage
VDD - VOH or
VOL - VSS
ILOAD = 10mA,
VDD = 2.7V
55
100
mV
ILOAD = 30mA,
VDD = 5V
100
180
IOUT
Output Source/Sink Current
VDD = 2.7V,
V- = VCM, V+ = VCM±100mV
100
mA
VDD = 5.0V,
V- = VCM, V+ = VCM±100mV
200
IDD
Quiescent Supply Current per
OpAmp Output
VDD = 2.7V, VCM = VDD/2
1.6
3.2
mA
VDD = 5.0V, VCM = VDD/2
2.3
4.6
IDD-SHDNN
Shutdown Supply Current
per OpAmp (A-Versions)
VSHDNN = 0V
VDD = 2.7V
1
2000
1
nA
SHDNN Logic Threshold
(A-Versions)
Shutdown Mode
VSS +
0.3
V
Normal Operation
VDD -
0.3
SHDNN Input Bias Current
VSS < VSHDNN < VDD (A-Versions)
50
1
pA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com