Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1122 Datasheet(PDF) 2 Page - RDC Semiconductor

Part # R1122
Description  16-BIT RISC MICROCONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDC [RDC Semiconductor]
Direct Link  http://www.rdc.com.tw/en/index.php
Logo RDC - RDC Semiconductor

R1122 Datasheet(HTML) 2 Page - RDC Semiconductor

  R1122 Datasheet HTML 1Page - RDC Semiconductor R1122 Datasheet HTML 2Page - RDC Semiconductor R1122 Datasheet HTML 3Page - RDC Semiconductor R1122 Datasheet HTML 4Page - RDC Semiconductor R1122 Datasheet HTML 5Page - RDC Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R1122
R
RD
DC
C®®
R
RIISSC
C D
DSSPP C
Coom
mm
muunniiccaattiioonn
16-BIT RISC MICROCONTROLLER
Specifications subject to change without notice, contact your sales representatives for the most update information.
Page 2 of 5
REV 1.0 Jun.05 2006
1.
Features
l
Five-stage pipeline
l
RISC architecture
l
Integrated PLL (*1~*8)
l
Maximum frequency: 80 MHz; the external bus,
internal bus and core are operating in the same
clock base
l
Static & synthesizable design
l
Bus interface
- A multiplexed address and data bus which is
compatible with the 80C186 microprocessor
- Supports a direct address bus A[19:0]
- 1M-byte memory address space
- 64K-byte I/O space
l
Software is compatible with the 80C186
microprocessor
l
Supports two asynchronous serial channels with
hardware handshaking signals
l
Supports CPU ID
l
Supports 32 PIO pins
l
Three independent 16-bit timers and one
independent watchdog timer
l
The Interrupt controller with seven maskable
external interrupts and one non-maskable external
interrupt
l
Two independent DMA channels
l
Programmable chip-select logic for memory or I/O
bus cycle decoder
l
Programmable wait-state generators
l
The I/O pin output is 3.3 volt level and the input
3.3 to 5 volt tolerance.
l
3.3V operation voltage
l
Supports serial port/ DMA transfers
l
With 8-bit or 16-bit boot ROM bus size
l
A green product
l
Package Type
- PQFP100 pins & LQFP100 pins



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com