Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1122 Datasheet(PDF) 5 Page - RDC Semiconductor

Part # R1122
Description  16-BIT RISC MICROCONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDC [RDC Semiconductor]
Direct Link  http://www.rdc.com.tw/en/index.php
Logo RDC - RDC Semiconductor

R1122 Datasheet(HTML) 5 Page - RDC Semiconductor

  R1122 Datasheet HTML 1Page - RDC Semiconductor R1122 Datasheet HTML 2Page - RDC Semiconductor R1122 Datasheet HTML 3Page - RDC Semiconductor R1122 Datasheet HTML 4Page - RDC Semiconductor R1122 Datasheet HTML 5Page - RDC Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
R1122
R
RD
DC
C®®
R
RIISSC
C D
DSSPP C
Coom
mm
muunniiccaattiioonn
16-BIT RISC MICROCONTROLLER
Specifications subject to change without notice, contact your sales representatives for the most update information.
Page 5 of 5
REV 1.0 Jun.05 2006
LQFP 100 pins
Sealing Plane
1
25
26
50
51
75
76
100
"A"
0.08(MAX)
0.50(TYP)
1.00(REF)
16.00
0.15
14.00
0.10
0.22
0.05
0.60
0.15
0 ~ 7
UNIT:mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com