Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AUC2G53 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AUC2G53
Description  SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G53 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AUC2G53_07 Datasheet HTML 1Page - Texas Instruments SN74AUC2G53_07 Datasheet HTML 2Page - Texas Instruments SN74AUC2G53_07 Datasheet HTML 3Page - Texas Instruments SN74AUC2G53_07 Datasheet HTML 4Page - Texas Instruments SN74AUC2G53_07 Datasheet HTML 5Page - Texas Instruments SN74AUC2G53_07 Datasheet HTML 6Page - Texas Instruments SN74AUC2G53_07 Datasheet HTML 7Page - Texas Instruments SN74AUC2G53_07 Datasheet HTML 8Page - Texas Instruments SN74AUC2G53_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Electrical Characteristics
SN74AUC2G53
SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR
2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SCES484B – AUGUST 2003 – REVISED JANUARY 2007
MIN
MAX
UNIT
VCC
Supply voltage
0.8
2.7
V
VCC = 0.8 V
VCC
VIH
High-level input voltage
VCC = 1.1 V to 1.95 V
0.65 × VCC
V
VCC = 2.3 V to 2.7 V
1.7
VCC = 0.8 V
0
VIL
Low-level input voltage
VCC = 1.1 V to 1.95 V
0.35 × VCC
V
VCC = 2.3 V to 2.7 V
0.7
VI/O
I/O port voltage
0
VCC
V
VI
Control input voltage
0
3.6
V
VCC = 0.8 V to 1.6 V
20
∆t/∆v
Input transition rise or fall rate
VCC = 1.65 V to 1.95 V
10
ns/V
VCC = 2.3 V to 2.7 V
3.5
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
VI = VCC or GND,
1.1 V
40
IS = 4 mA
VINH = VIL
1.65 V
12.5
20
ron
On-state switch resistance
Ω
(see Figure 1 and
IS = 8 mA
2.3 V
6
15
Figure 2)
VI = VCC to GND,
1.1 V
131
180
IS = 4 mA
VINH = VIL
1.65 V
32
80
ron(p)
Peak on resistance
Ω
(see Figure 1 and
IS = 8 mA
2.3 V
15
20
Figure 2)
VI = VCC to GND,
1.1 V
4
IS = 4 mA
Difference of on-state resistance
VC = VIH
1.65 V
1
∆r
on
Ω
between switches
(see Figure 1 and
IS = 8 mA
2.3 V
1
Figure 2)
VI = VCC and VO = GND, or
±1
IS(off)
Off-state switch leakage current
VI = GND and VO = VCC,
2.7 V
µA
±0.1(1)
VINH = VIH (see Figure 3)
±1
VI = VCC or GND, VINH = VIL,
IS(on)
On-state switch leakage current
2.7 V
µA
VO = Open (see Figure 4)
±0.1(1)
II
Control input current
VC = VCC or GND
2.7 V
±5
µA
ICC
Supply current
VC = VCC or GND
2.7 V
10
µA
Cic
Control input capacitance
2.5 V
2
pF
Y
3
Cio(off)
Switch input/output capacitance
2.5 V
pF
COM
4.5
Cio(on)
Switch input/output capacitance
2.5 V
9
pF
(1)
TA = 25°C
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com