Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AUC2G53 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74AUC2G53
Description  SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G53 Datasheet(HTML) 4 Page - Texas Instruments

  SN74AUC2G53_07 Datasheet HTML 1Page - Texas Instruments SN74AUC2G53_07 Datasheet HTML 2Page - Texas Instruments SN74AUC2G53_07 Datasheet HTML 3Page - Texas Instruments SN74AUC2G53_07 Datasheet HTML 4Page - Texas Instruments SN74AUC2G53_07 Datasheet HTML 5Page - Texas Instruments SN74AUC2G53_07 Datasheet HTML 6Page - Texas Instruments SN74AUC2G53_07 Datasheet HTML 7Page - Texas Instruments SN74AUC2G53_07 Datasheet HTML 8Page - Texas Instruments SN74AUC2G53_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
Analog Switch Characteristics
SN74AUC2G53
SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR
2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SCES484B – AUGUST 2003 – REVISED JANUARY 2007
over recommended operating free-air temperature range, C
L = 15 pF (unless otherwise noted) (see Figure 5)
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
VCC = 0.8 V
FROM
TO
± 0.1 V
± 0.1 V
± 0.15 V
± 0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
TYP
MAX
MIN
MAX
tpd(1)
COM or Y
Y or COM
0.3
0.3
0.3
0.2
0.1
ns
ten
9.2
0.5
3.5
0.5
2.2
0.5
1
1.9
0.5
1.8
INH
COM or Y
ns
tdis
8.1
0.5
4.2
0.5
3.2
0.5
1.9
3.4
0.5
2.6
ten
9.2
0.5
3.6
0.5
2.3
0.5
1.1
1.9
0.5
1.6
A
COM or Y
ns
tdis
10
0.5
3.6
0.5
2.3
0.5
1.1
2
0.5
1.6
(1)
The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
over recommended operating free-air temperature range, C
L = 30 pF (unless otherwise noted) (see Figure 5)
VCC = 1.8 V
VCC = 2.5 V
FROM
TO
± 0.15 V
± 0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
tpd(1)
COM or Y
Y or COM
0.4
0.2
ns
ten
0.5
1.6
3.1
0.5
2.2
INH
COM or Y
ns
tdis
0.5
2.2
3.4
0.5
2.2
ten
0.5
1.6
3
0.5
2.2
A
COM or Y
ns
tdis
0.5
1.6
3
0.5
2.3
(1)
The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
T
A = 25°C
FROM
TO
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
(INPUT)
(OUTPUT)
0.8 V
90
1.1 V
101
CL = 50 pF, RL = 600 Ω,
fin = sine wave
1.4 V
110
(see Figure 6)
1.65 V
122
2.3 V
198
Frequency response(1)
COM or Y
Y or COM
MHz
(switch ON)
0.8 V
>500
1.1 V
>500
CL = 5 pF, RL = 50 Ω,
fin = sine wave
1.4 V
>500
(see Figure 6)
1.65 V
>500
2.3 V
>500
(1)
Adjust fin voltage to obtain 0 dBm at output. Increase fin frequency until dB meter reads –3 dB.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com