Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0113 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAPSS0113
Description  DECT Power Amplifier 1880 - 1930 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0113 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAPSS0113 Datasheet HTML 1Page - Tyco Electronics MAAPSS0113 Datasheet HTML 2Page - Tyco Electronics MAAPSS0113 Datasheet HTML 3Page - Tyco Electronics MAAPSS0113 Datasheet HTML 4Page - Tyco Electronics MAAPSS0113 Datasheet HTML 5Page - Tyco Electronics MAAPSS0113 Datasheet HTML 6Page - Tyco Electronics MAAPSS0113 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
2
DECT Power Amplifier
1880 - 1930 MHz
M/A-COM Products
Rev. V1
MAAPSS0113
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Input Power
dBm
—
0
—
Input Return Loss
VM = 0 V
VM = 1.7 V
dB
dB
—
—
11
12
—
—
POUT, High Power Mode (HPM)
VM = 1.7 V, VCC = 3.0 V
VCC = 2.4 V
VCC = 2.0 V
VCC = 1.8 V
dBm
dBm
dBm
dBm
—
—
22
—
26
25.5
24
23.5
27
—
—
—
POUT vs. Temperature, HPM
TA = 0 °C to 50 °C, VCC = 2.4 V
dB
—
0.8
—
POUT vs. VEN
VEN = 1.6 t o 1.9 V , VCC = 2.4 V
dB
—
1
—
Current, HPM
VM = 1.7 V, VCC = 3.0 V
mA
—
350
500
POUT, Low Power Mode (LPM)
VM = 0 V, VCC = 2.4 V
dBm
12
15
—
Current, LPM
VM = 0 V, VCC = 2.4 V
mA
—
95
150
Current, Shutdown
VCC = 3.0 V, VEN = 0.5 V
µA
—
1
10
Control Pins
VEN, VM low
VEN, VM high
VM current
VEN current
V
V
mA
mA
0
1.6
—
—
—
1.7
0.5
1
0.5
1.9
1
2
Harmonics
VM = 1.7 V, VCC = 2.4 V
2fo
3fo
dBc
dBc
—
—
-33
-35
—
—
Forward Isolation
VEN = 0 V, VCC = 2.4 V
dB
—
46
—
Stability
+1.5 V < VCC < +3.5 V, POUT = HPM & LPM, VSWR < 6:1
-20
°C < TA < +70ºC
Turn on/off time
ton: RF burst to (Avg Power – 1 dB)
toff: (Avg Power – 1 dB) to RF off
µS
µS
—
—
3
3
—
—
All spurs < -60 dBc
Electrical Specifications: F = 1880 - 1930 MHz, TA = 25 °C, Z0 = 50 Ω
Absolute Maximum Ratings 4,5,6
Parameter
Absolute Maximum
Input Power
5 dBm
Operating Supply Voltage
4.0 Volts
Operating Control Voltage
3.0 Volts
Operating Temperature
-20 °C to +85 °C
Channel Temperature
150 °C
Storage Temperature
-40 °C to +150 °C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
6. For operation above 4V as required for 3 cell systems, a drop-
ping diode is required. See application note page 6.
Logic Table 7
VEN
VM
State
0
0
OFF
0
1
OFF
1
0
LPM
1
1
HPM
7. Logic 1 = 1.6 V to 1.9 V, Logic 0 = 0 V to 0.5 V.
Operating the MAAPSS0113
The MAAPSS0113 is sensitive to electrostatic
discharge (ESD).
Use proper ESD control
techniques when handling this device. To operate
the MAAPSS0113, follow these steps. Ramp down
or shut down in reverse order.
1. Apply VCC (2.4 V).
2. Apply VM (0 or 1.7 V).
3. Apply PIN (-2 to 2 dBm).
4. Ramp VEN from 0 to 1.7 V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com