Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0113 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAPSS0113
Description  DECT Power Amplifier 1880 - 1930 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0113 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAPSS0113 Datasheet HTML 1Page - Tyco Electronics MAAPSS0113 Datasheet HTML 2Page - Tyco Electronics MAAPSS0113 Datasheet HTML 3Page - Tyco Electronics MAAPSS0113 Datasheet HTML 4Page - Tyco Electronics MAAPSS0113 Datasheet HTML 5Page - Tyco Electronics MAAPSS0113 Datasheet HTML 6Page - Tyco Electronics MAAPSS0113 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
1
DECT Power Amplifier
1880 - 1930 MHz
M/A-COM Products
Rev. V1
MAAPSS0113
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Features
• Ideal for DECT Applications
• Power Set Pin for Adjustable Output Power
High Power Mode: 25 dBm
Low Power Mode: 15 dBm
• Power Gain: 25 dB Typical
• Voltage Supply Compensation
• Ramp Power Control: 1.7 V Enable
• Micro-Amp Shutdown Current
• Operates from 1.8 V to 3.6 V
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
The MAAPSS0113 is a three stage power amplifier
designed for Digitally Enhanced Cordless Telephone
applications. The power amplifier is available in a
lead-free 3 mm 12-lead PQFN plastic package.
The MAAPSS0113 features an integrated power
enable pin (5) for accurate ramp control and a
separate power mode pin (2) for current savings in a
low power mode state. Both control pins operate
with 1.7 V logic. A voltage compensation circuit is
also included for applications where the amplifier
supply voltage is not regulated and is directly
connected to the battery.
3. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin Configuration
Pin No.
Pin Name
Description
1
RFIN
RF Input
2
VM
Power Mode
3
GND
Ground
4
N/C
No Connection
5
VEN
Power Enable
6
PFC
Power Flatness Control
7
RFOUT / VCC3
RF Output, 3rd Stage Supply
8
RFOUT / VCC3
RF Output, 3rd Stage Supply
9
RFOUT / VCC3
RF Output, 3rd Stage Supply
10
VCC2
2nd Stage Supply
11
GND
Ground
12
VCC1
1st Stage Supply
Pad3
GND
RF & DC Ground
Ordering Information 1,2
Part Number
Package
MAAPSS0113TR-3000
3000 piece reel
MAAPSS0113SMB
Sample Board
1880 - 1930 MHz tuning
Functional Schematic
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - MAAPSS0113

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0111 MACOM-MAAPSS0111 Datasheet
145Kb / 6P
1.25 W VSAT Power Amplifier 13.75-14.5 GHz
MAAPSS0111SMB MACOM-MAAPSS0111SMB Datasheet
145Kb / 6P
1.25 W VSAT Power Amplifier 13.75-14.5 GHz
MAAPSS0111TR-3000 MACOM-MAAPSS0111TR-3000 Datasheet
145Kb / 6P
1.25 W VSAT Power Amplifier 13.75-14.5 GHz
More results

Similar Description - MAAPSS0113

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM-007219 MACOM-MAAM-007219 Datasheet
199Kb / 4P
3.6 V, 450 mW DECT RF Power Amplifier IC 1880 - 1900 MHz
MAAPSS0071 MACOM-MAAPSS0071 Datasheet
237Kb / 5P
DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0076 MACOM-MAAPSS0076 Datasheet
238Kb / 6P
DECT Power Amplifier 1880 - 1930 MHz
logo
Stealth Microwave, Inc.
SM1819-52LD STEALTH_MICROWAVE-SM1819-52LD Datasheet
150Kb / 3P
1805 - 1880 MHz 160 Watt Power Amplifier
SM1920-52LD STEALTH_MICROWAVE-SM1920-52LD Datasheet
150Kb / 3P
1930 - 1990 MHz 160 Watt Power Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0071 MA-COM-MAAPSS0071 Datasheet
114Kb / 5P
DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0076 MA-COM-MAAPSS0076 Datasheet
168Kb / 6P
DECT Power Amplifier 1880 - 1930 MHz
MAAP-000082 MA-COM-MAAP-000082 Datasheet
224Kb / 6P
PHS Power Amplifier 1880 - 1930 MHz
MAAPSS0071 MA-COM-MAAPSS0071 Datasheet
114Kb / 5P
DECT Power Amplifier
MAAPSS0071 MA-COM-MAAPSS0071_15 Datasheet
114Kb / 5P
DECT Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com