Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 205 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 205 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 201Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 202Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 203Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 204Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 205Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 206Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 207Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 208Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 209Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
4-33
LCL_ALRL, shown in Figure 4-27, defines arbitration priority of MPC8280 local bus masters 8–15.
4.3.2.6
SIU Module Configuration Register (SIUMCR)
The SIU module configuration register (SIUMCR), shown in Figure 4-28, contains bits that configure
various features in the SIU module.
03
47
8
11
12
15
Field
Priority Field 8
Priority Field 9
Priority Field 10
Priority Field 11
Reset
1000
1001
1010
1011
R/W
R/W
Addr
0x1003C
16
19
20
23
24
27
28
31
Field
Priority Field 12
Priority Field 13
Priority Field 14
Priority Field 15
Reset
1100
1101
1110
1111
R/W
R/W
Addr
0x1003E
Figure 4-27. LCL_ALRL
0
1
2
3
456789
10
11
12
13
14
15
Field
BBD
ESE
PBSE
CDIS
DPPC
L2CPC
LBPC
APPC
CS10PC
BCTLC
Reset
see
note
00
see note
00
R/W
R/W
Addr
0x10000
16
17
18
19
20
21
22
31
Field
MMR
LPBSE
—
DBA ABA
—
Reset
see note
0
see note
0
0
see note
R/W
R/W
Addr
0x10002
1 Depends on rest configuration sequence. See Section 5.4.1, “Hard Reset Configuration Word.”
Figure 4-28. SIU Model Configuration Register (SIUMCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com