Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 202 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 202 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 198Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 199Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 200Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 201Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 202Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 203Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 204Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 205Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 206Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
4-30
Freescale Semiconductor
Table 4-10 describes PPC_ACR fields.
4.3.2.3
60x Bus Arbitration-Level Registers (PPC_ALRH/PPC_ALRL)
The 60x bus arbitration-level registers, shown in Figure 4-23 and Figure 4-24, define arbitration priority
of MPC8280 bus masters. Priority field 0 has highest-priority. For information about MPC8280 bus master
indexes, see the description of PPC_ACR[PRKM] in Table 4-10.
Table 4-10. PPC_ACR Field Descriptions
Bits
Name
Description
0–1
—
Reserved, should be cleared.
2
DBGD
Data bus grant delay. Specifies the minimum number of data tenure wait states for 60x bus
master-initiated data operations. This is the minimum delay between TS and DBG.
0DBG is asserted with TS if the data bus is free.
1DBG is asserted one cycle after TS if the data bus is not busy.
See Section 8.5.1, “Data Bus Arbitration.”
3
EARB
External arbitration.
0 Internal arbitration is performed. See Section 8.3.1, “Arbitration Phase.”
1 External arbitration is assumed.
4–7
PRKM
Parking master.
0000 CPM high request level refers to the IDMA which involves peripherals and the following serial
channels (SCC, SPI, SMC, and I2C)
0001 CPM middle request level refers to all other serial channels (FCCs and MCCs)
0010 CPM low request level: it is possible to change the request level for all FCCs and MCCs to low
priority when PPC_ACR[4–7] = 0010 and FCRx[1] = 1 (See Section 30.7.1, “FCC Function
Code Registers (FCRx).”)
0011 PCI request level. Reserved on all other devices.
0100 Reserved
0101 Reserved
0110 Internal core
0111 External master 1
1000 External master 2
1001 External master 3
Values 1010–1111 are reserved.
03
47
8
11
12
15
Field
Priority Field 0
Priority Field 1
Priority Field 2
Priority Field 3
Reset
0000
0001
0010
0110
R/W
R/W
Addr
0x1002C
16
19
20
23
24
27
28
31
Field
Priority Field 4
Priority Field 5
Priority Field 6
Priority Field 7
Reset
0011
0100
0101
0111
R/W
R/W
Addr
0x1002E
Figure 4-23. PPC_ALRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com