Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 201 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 201 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 197Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 198Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 199Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 200Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 201Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 202Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 203Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 204Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 205Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
4-29
4.3.2.2
60x Bus Arbiter Configuration Register (PPC_ACR)
The 60x bus arbiter configuration register (PPC_ACR), shown in Figure 4-22, defines the arbiter modes
and parked master on the 60x bus.
21
EXDD
External master delay disable. Generally, the MPC8280 adds one clock cycle delay for each external
master access to a region controlled by the memory controller. This occurs because the external
master drives the address on the external pins (compared to internal master, like the MPC8280’s
DMA, which drives the address on an internal bus in the chip). Thus, it is assumed that an additional
cycle is needed for the memory controllers banks to complete the address match. However in some
cases (when the bus is operated in low frequency), this extra cycle is not needed. The user can
disable the extra cycle by setting EXDD.
0 The memory controller inserts one wait state between the assertion of TS and the assertion of CS
when external master accesses an address space controlled by the memory controller.
1 The memory controller asserts CS on the cycle following the assertion of TS by external master
accessing an address space controlled by the memory controller.
22
LPLDP Local bus pipeline maximum depth. See Section 8.4.5, “Pipeline Control.”
0 The local bus pipeline maximum depth is one.
1 The local bus pipeline maximum depth is zero.
23–25
—
Reserved, should be cleared.
26
SPAR
Slave parity check. If set enables parity check on 60x bus transactions to the MPC8280's internal
memory space. In case of a parity error a core machine check is asserted and the error is reported
in TESCR1[ISBE,PAR] and TESCR2[REGS,DPR,PCI0,PCI1,LCL].
27
ISPS
Internal space port size. Defines the port size of MPC8280’s internal space region as seen to external
masters. Setting ISPS enables a 32-bit master to access MPC8280 internal space.
0 MPC8280 acts as a 64-bit slave to external masters accesses to its internal space.
1 MPC8280 acts as a 32-bit slave to external masters accesses to its internal space.
28–31
—
Reserved, should be cleared.
0
123
4
7
Field
—
DBGD
EARB1
PRKM
Reset
000
See note
0010
R/W
R/W
Addr
0x10028
1 Depends on reset configuration sequence. See Section 5.4.1, “Hard Reset Configuration Word.”
Figure 4-22. PPC_ACR
Table 4-9. BCR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com