Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 197 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 197 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 193Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 194Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 195Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 196Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 197Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 198Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 199Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 200Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 201Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
4-25
Figure 4-19. Interrupt Table Handling Example
NOTE
The MPC8280 differs from previous MPC8xx implementations in that
when an interrupt request occurs, SIVEC can be read. If there are multiple
interrupt sources, SIVEC latches the highest priority interrupt. Note that the
value of SIVEC cannot change while it is being read.
4.3.1.7
SIU External Interrupt Control Register (SIEXR)
Each defined bit in the SIU external interrupt control register (SIEXR), shown in Figure 4-20, determines
whether the corresponding port C line asserts an interrupt request upon either a high-to-low change or any
change on the pin. External interrupts can come from port C (PC[0-15]).
BASE
b
Routine1
b
Routine2
b
Routine3
b
Routine4
•
•
BASE + n
BASE + 4
BASE + 8
BASE + C
BASE +10
BASE
1st Instruction of Routine1
1st Instruction of Routine2
1st Instruction of Routine3
1st Instruction of Routine4
•
•
BASE + n
BASE + 400
BASE + 800
BASE + C00
BASE +1000
•
•
•
•
•
•
INTR: • • •
Save state
R3 <- @ SIVEC
R4 <-- BASE OF BRANCH TABLE
• • •
lbz
add
mtspr
bctr
RX, R3 (0)
# load as byte
RX, RX, R4
CTR, RX
INTR: • • •
Save state
R3 <- @ SIVEC
R4 <-- BASE OF BRANCH TABLE
• • •
lhz
add
mtspr
bctr
RX, R3 (0)
# load as half
RX, RX, R4
CTR, RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com