Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 196 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 196 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 192Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 193Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 194Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 195Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 196Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 197Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 198Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 199Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 200Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
4-24
Freescale Semiconductor
4.3.1.6
SIU Interrupt Vector Register (SIVEC)
The SIU interrupt vector register (SIVEC), shown in Figure 4-18, contains an 8-bit code representing the
unmasked interrupt source of the highest priority level.
The SIVEC can be read as either a byte, half word, or a word. When read as a byte, a branch table can be
used in which each entry contains one instruction (branch). When read as a half word, each entry can
contain a full routine of up to 256 instructions. The interrupt code is defined such that its two lsbs are
zeroes, allowing indexing into the table, as shown in Figure 4-19.
0
5
6
7
8
9
10
11
12
13
14
15
Field
Interrupt Code
00
00
00
00
00
Reset
0000_0000_0000_0000
R/W
R
Addr
0x10C04
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Field
0
00
00
00
00
00
00
00
0
Reset
0000_0000_0000_0000
R/W
R
Addr
0x10C06
Figure 4-18. SIU Interrupt Vector Register (SIVEC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com