Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 199 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 199 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 195Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 196Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 197Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 198Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 199Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 200Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 201Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 202Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 203Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
4-27
Figure 4-9 describes BCR fields.
0
1
3
4
5
7
8
9
10
11
12
13
14
15
Field
EBM
APD
L2C
L2D
PLDP DREF
DAM
EAV ETM LETM EPAR LEPAR
Reset note 1
000_0000_0000_0000
R/W
R/W
16
18
19
20
21
22
25
26
27
28
31
Field
NPQM
—
EXDD LPLDP
—
SPAR ISPS
—
Reset
0000_0000_000
note 1
0000
R/W
R/W
Addr
0x10024
1 Depends on reset configuration sequence. See Section 5.4.1, “Hard Reset Configuration Word.”
Figure 4-21. Bus Configuration Register (BCR)
Table 4-9. BCR Field Descriptions
Bits
Name
Description
0
EBM
External bus mode.
0 Single MPC8280 bus mode is assumed
1 60x-compatible bus mode. For more information refer to Section 8.2, “Bus Configuration.”
1–3
APD
Address phase delay. Specifies the number of address tenure wait states for address operations
initiated by a 60x bus master. BCR[APD] specifies the number of address tenure wait states for
address operations initiated by 60x-bus devices. APD indicates how many cycles the MPC8280
should wait for ARTRY, but because it is assumed that ARTRY can be asserted (by other masters)
only on cachable address spaces, APD is considered only on transactions that hit one of the
60x-assigned memory controller banks and have the GBL signal asserted during address phase.
4
L2C
Secondary cache controller. See Chapter 12, “Secondary (L2) Cache Support.”
0 No secondary cache controller is assumed.
1 An external secondary cache controller is assumed.
5–7
L2D
L2 cache hit delay. Controls the number of clock cycles from the assertion of TS until HIT is valid.
8
PLDP
Pipeline maximum depth. See Section 8.4.5, “Pipeline Control.”
0 The pipeline maximum depth is one.
1 The pipeline maximum depth is zero.
9
DREF
Disable reflection. Disables reflection of system bus reflection on external pins of internal transfers
on 60x bus.
0 Enable reflection
1 Disable reflection
10
DAM
Delay all masters. Applies to all the masters on the bus (CPU, EXT, CPM). This bit is similar to
BCR[EXDD] but with opposite polarity.
0 The memory controller inserts one wait state between the assertion of TS and the assertion of CS
when external master accesses an address space controlled by the memory controller.
1 The memory controller asserts CS on the cycle following the assertion of TS by external master
accessing an address space controlled by the memory controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com