Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 210 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 210 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 206Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 207Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 208Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 209Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 210Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 211Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 212Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 213Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 214Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
4-38
Freescale Semiconductor
Table 4-14 describes SYPCR fields.
4.3.2.9
Software Service Register (SWSR)
The software service register (SWSR) is the location to which the software watchdog timer servicing
sequence is written. To prevent software watchdog timer time-out, the user should write 0x556C followed
by 0xAA39 to this register, which resides at 0x1000E. SWSR can be written at any time, but returns all
zeros when read.
Table 4-14. SYPCR Field Descriptions
Bits
Name
Description
0–15
SWTC
Software watchdog timer count. Contains the count value for the software watchdog timer.
16–23
BMT
Bus monitor timing. Defines the time-out period for the bus monitor, the granularity of this field is 8
bus clocks. (BMT = 0xFF is translated to 0x7f8 clock cycles). BMT is used both in the 60x and local
bus monitors.
Note that the value 0 in invalid; an error is generated for each bus transaction.
24
PBME
60x bus monitor enable.
0 60x bus monitor is disabled.
1 The 60x bus monitor is enabled.
25
LBME
Local bus monitor enable.
0 Local bus monitor is disabled.
1 The local bus monitor is enabled.
26–28
—
Reserved, should be cleared.
29
SWE
Software watchdog enable. Enables the operation of the software watchdog timer. It should be
cleared by software after a system reset to disable the software watchdog timer.
30
SWRI
Software watchdog reset/interrupt select.
0 Software watchdog timer and bus monitor time-out cause a machine check interrupt to the core.
1 Software watchdog timer and bus monitor time-out cause a hard reset (this is the default value
after soft reset).
31
SWP
Software watchdog prescale. Controls the divide-by-2,048 software watchdog timer prescaler.
0 The software watchdog timer is not prescaled.
1 The software watchdog timer clock is prescaled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com