Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 213 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 213 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 209Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 210Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 211Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 212Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 213Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 214Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 215Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 216Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 217Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
4-41
4.3.2.11
60x Bus Transfer Error Status and Control Register 2 (TESCR2)
The 60x bus transfer error status and control register 2 (TESCR2) is shown in Figure 4-32.
The TESCR2 register is described in Table 4-16.
0
1
2
34
56
78
15
Field
—
REGS DPR
—
PCI0
PCI1
—LCL
PB
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10044
16
27
28
31
Field
BNK
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10046
Note: all bits are status bits and are cleared by writing 1s.
Figure 4-32. 60x Bus Transfer Error Status and Control Register 2 (TESCR2)
Table 4-16. TESCR2 Field Descriptions
Bits
Name
Description
0
—
Reserved, should be cleared.
1
REGS
Internal registers error. An error occurred in a transaction to the MPC8280’s internal registers.
2
DPR
Dual port ram error. An error occurred in a transaction to the MPC8280’s dual-port RAM.
3
—
Reserved, should be cleared.
4
PCI0
PCI memory space 0 error. An error occurred in a transaction to the PCI memory space configured
by PCIBR0 and PCIMSK0.
5
PCI1
PCI memory space 1 error. An error occurred in a transaction to the PCI memory space configured
by PCIBR1 and PCIMSK1.
6
—
Reserved, should be cleared.
7
LCL
Local bus bridge error. An error occurred in a transaction to the MPC8280’s 60x bus to local bus
bridge.
8–15
PB
Parity error on byte. There are eight parity error status bits, one per 8-bit lane. A bit is set for the
byte that had a parity error.
16–27
BNK
Memory controller bank. There are twelve error status bits, one per memory controller bank. A bit
is set for the 60x bus memory controller bank that had an error. Note that this field is invalid if the
error was not caused by ECC or parity checks.
28–31
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com