Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 212 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 212 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 208Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 209Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 210Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 211Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 212Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 213Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 214Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 215Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 216Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
4-40
Freescale Semiconductor
10
—
Reserved, should be cleared.
11–15
TT
Transfer type. These bits indicates the transfer type of the 60x bus transaction that caused the TEA or
MCP. See Section 8.4.3.1, “Transfer Type Signal (TT[0–4]) Encoding,” for a description of the various
transfer types.
16
—
Reserved, should be cleared.
17
DMD
Data errors disable.
0 Errors are enabled.
1 All data errors (parity and single and double ECC errors) on the 60x bus are disabled.
18
—
Reserved, should be cleared.
19
PCIMCP PCI machine check. Set when a core machine check is asserted from the PCI bridge.
20
DER
.Data error. Set when a core machine check is asserted due to ECC or parity errors.
21
IRQ0
External machine check. Set when a machine check is asserted due to the external machine check pin
(IRQ0).
22
SWD
Software watchdog time-out. Indicates that a core machine check was asserted due to a time-out in the
software watchdog. See Section 4.1.5, “Software Watchdog Timer.”
23
ADO
60x bus monitor address-only time-out. Set when a core machine check is asserted due to time-out of the
bus monitor in an address only transaction. See Section 4.1.1, “Bus Monitor.”
24–31
ECNT
Single ECC error counter. Indicates the number of single ECC errors that occurred in the system. When
the counter reaches its maximum value (255), MCP is asserted for all single ECC errors. This feature
gives the system the ability to withstand a few random errors yet react to a catastrophic failure. The user
can set a lower threshold to the number of tolerated single ECC errors by writing some value to ECNT.
The counter starts from this value instead of zero.
Table 4-15. TESCR1 Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com