Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 247 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 247 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 243Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 244Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 245Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 246Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 247Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 248Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 249Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 250Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 251Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 1386 page
background image
External Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
6-5
IRQ3
DP[3]
CKSTP_OUT
EXT_BR3
Interrupt request 3—This input is one of the eight external lines that can request (by means of the
internal interrupt controller) a service routine from the core.
60x data parity 3—(Input/output) The 60x agent that drives the data bus drives also the data parity
signals. The value driven on data parity 3 pin should give odd parity (odd number of 1’s) on the
group of signals that includes data parity 3 and D[24–31].
Checkstop output—(Output) Assertion indicates that the core is in its checkstop mode.
External bus request 3—(Input) An external master should assert this pin to request 60x bus
ownership from the internal arbiter.
IRQ4
DP[4]
CORE_SRESET
EXT_BG3
Interrupt request 4—This input is one of the eight external lines that can request (by means of the
internal interrupt controller) a service routine from the core.
60x data parity 4—(Input/output) The 60x agent that drives the data bus drives also the data parity
signals. The value driven on data parity 4 pin should give odd parity (odd number of ‘1’s) on the
group of signals that includes data parity 4 and D[32–39].
Core system reset—(Input) Asserting this pin will force the core to branch to its reset vector.
External bus grant 3—(Output) The MPC8280 asserts this pin to grant 60x bus ownership to an
external bus master.
IRQ5
DP[5]
TBEN
EXT_DBG3
CINT
Interrupt request 5—This input is one of the eight external lines that can request (by means of the
internal interrupt controller) a service routine from the core.
60x data parity 5—(Input/output) The 60x agent that drives the data bus drives also the data parity
signals. The value driven on data parity 5 pin should give odd parity (odd number of ‘1’s) on the
group of signals that includes data parity 5 and D[40–47].
Time base enable—This is a count enable input to the Time Base counter in the core.
External data bus grant 3—(Output) The MPC8280 asserts this pin to grant 60x data bus
ownership to an external bus master.
Critical interrupt—Critical interrupt input to the core
IRQ6
DP[6]
CSE[0]
Interrupt request 6—This input is one of the eight external lines that can request (by means of the
internal interrupt controller) a service routine from the core.
60x data parity 6—(Input/output) The 60x agent that drives the data bus drives also the data parity
signals. The value driven on data parity 6 pin should give odd parity (odd number of ‘1’s) on the
group of signals that includes data parity 6 and D[48–55].
Cache set entry 0—The cache set entry outputs from the core represent the cache replacement
set element for the current core transaction reloading into or writing out of the cache.
IRQ7
DP[7]
CSE[1]
Interrupt request 7—This input is one of the eight external lines that can request (by means of the
internal interrupt controller) a service routine from the core.
60x data parity 7—(Input/output) The 60x master or slave that drives the data bus drives also the
data parity signals. The value driven on data parity 7 pin should give odd parity (odd number of
‘1’s) on the group of signals that includes data parity 7 and D[56–63].
Cache set entry 1—The cache set entry outputs from the core represent the cache replacement
set element for the current core transaction reloading into or writing out of the cache.
Table 6-1. External Signals (continued)
Signal
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com