Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 250 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 250 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 246Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 247Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 248Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 249Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 250Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 251Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 252Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 253Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 254Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 1386 page
background image
External Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
6-8
Freescale Semiconductor
BCTL0
Buffer control 0—Output whose function is controlling buffers on the 60x data bus. Usually used
with BCTL1 that is multiplexed on CS10. The exact function of this pin is defined by the value of
SIUMCR[BCTLC]. See Section 4.3.2.6, “SIU Module Configuration Register (SIUMCR),” for
details.
PWE[0–7]
PSDDQM[0–7]
PBS[0–7]
60x bus write enable—Outputs of the 60x bus GPCM. These pins select byte lanes for write
operations.
60x bus SDRAM DQM—The DQM pins are outputs of the SDRAM control machine. These pins
select specific byte lanes of SDRAM devices.
60x bus UPM byte select—The byte select pins are outputs of the UPM in the memory controller.
They are used to select specific byte lanes during memory operations. The timing of these pins
is programmed in the UPM. The actual driven value depends on the address and size of the
transaction and the port size of the accessed device.
PSDA10
PGPL0
60x bus SDRAM A10—(Output) from the 60x bus SDRAM controller. Part of the address when a
row address is driven and is part of the command when a column address is driven.
60x bus UPM general purpose line 0—One of six general purpose output lines from UPM. The
values and timing of this pin is programmed in the UPM.
PSDWE
PGPL1
60x bus SDRAM write enable—(Output) from the 60x bus SDRAM controller. Should be
connected to SDRAMs’ WE input.
60x bus UPM general purpose line 1—One of six general purpose output lines from UPM. The
values and timing of this pin is programmed in the UPM.
POE
PSDRAS
PGPL2
60x bus output enable—The output enable pin is an output of the 60x bus GPCM. Controls the
output buffer of memory devices during read operations.
60x bus SDRAM ras—Output from the 60x bus SDRAM controller. Should be connected to
SDRAMs’ RAS input.
60x bus UPM general purpose line 2—One of six general purpose output lines from UPM. The
values and timing of this pin is programmed in the UPM.
PSDCAS
PGPL3
60x bus SDRAM CAS—Output from the 60x bus SDRAM controller. Should be connected to
SDRAMs’ CAS input.
60x bus UPM general purpose line 3—One of six general purpose output lines from UPM. The
values and timing of this pin is programmed in the UPM.
PGTA
PUPMWAIT
PGPL4
PPBS
60x GPCM TA—This input pin is used for transaction termination during GPCM operation.
Requires external pull up resistor for proper operation.
60x bus UPM wait—This is an input to the UPM. An external device may hold this pin high to force
the UPM to wait until the device is ready for the continuation of the operation.
60x bus UPM general purpose line 4—One of six general purpose output lines from UPM. The
values and timing of this pin is programmed in the UPM.
60x bus parity byte select—In systems in which data parity is stored in a separate chip, this output
is used as the byte-select for that chip.
Table 6-1. External Signals (continued)
Signal
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com