Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 249 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 249 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 245Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 246Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 247Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 248Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 249Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 250Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 251Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 252Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 253Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 1386 page
background image
External Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
6-7
L2_HIT
IRQ4
L2 cache hit—(Input) It is used for L2 cache control. Assertion of this pin indicates that the 60x
transaction will be handled by the L2 cache. In this case, the memory controller will not start an
access to the memory it controls.
Interrupt request 4—This input is one of the eight external lines that can request (by means of the
internal interrupt controller) a service routine from the core.
CPU_BG
BADDR31
IRQ5
CINT
CPU bus grant—(Output) The value of the 60x core bus grant is driven on this pin to be used by
an external MPC2605GA L2 cache. The driven bus grant is not qualified; that is, when using an
external arbiter, the user should qualify this signal with the bus grant input to the MPC8280 before
connecting it to the L2 cache.
Burst address 31—There are five burst address output of the 60x memory controller used in an
external master configuration and are connected directly to the memory devices controlled by
MPC8280’s memory controller. For information on the use of this signal, see Section 11.2.14,
“BADDR[27:31] Signal Connections.”
Interrupt Request 5—This input is one of the eight external lines that can request (by means of
the internal interrupt controller) a service routine from the core.
Critical interrupt—Critical interrupt input to the core
CPU_DBG
CPU data bus grant—(Output) Valid only when using the internal arbiter (PPC_ACR[EARB] = 0).
The OR of all data bus grant signals for internal masters from the internal arbiter is driven on
CPU_DBG. CPU_DBG should be connected to the CPU DBG input of an external MPC2605GA
L2 cache. (If an external arbiter is used, the CPU DBG input of the external MPC2605GA L2
cache should be connected to the DBG driven from the external arbiter to this MPC8280.)
CPU_BR
CPU bus request—(Output) The value of the 60x core bus request is driven on this pin for the use
of an external L2 cache.
CS[0–9]
Chip select—These are output pins that enable specific memory devices or peripherals
connected to MPC8280 buses.
CS[10]
BCTL1
Chip select—These are output pins that enable specific memory devices or peripherals
connected to MPC8280 buses.
Buffer control 1—Output signal whose function is controlling buffers on the 60x data bus. Usually
used with BCTL0. The exact function of this pin is defined by the value of SIUMCR[BCTLC]. See
Section 4.3.2.6, “SIU Module Configuration Register (SIUMCR),” for details.
CS[11]
AP[0]
Chip select—Output that enable specific memory devices or peripherals connected to MPC8280
buses.
Address parity 0—(Input/output) The 60x master that drives the address bus, drives also the
address parity signals. The value driven on address parity 0 pin should give odd parity (odd
number of ‘1’s) on the group of signals that includes address parity 0 and A[0–7].
BADDR[27–28]
Burst address 27–28—There are five burst address output pins. These pins are outputs of the
60x memory controller. Used in external master configuration and connected directly to the
memory devices controlled by MPC8280’s memory controller. For information on the use of these
signals, see Section 11.2.14, “BADDR[27:31] Signal Connections.”
ALE
Address latch enable—This output pin controls the external address latch that should be used in
external master 60x bus configuration.
Table 6-1. External Signals (continued)
Signal
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com