Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 319 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 319 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 315Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 316Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 317Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 318Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 319Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 320Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 321Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 322Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 323Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-11
Figure 9-5. Single Beat Write Example
Figure 9-6 shows an example of a burst write transaction.
Figure 9-6. Burst Write Example
A write transaction is similar to a read transaction except no turnaround cycle is needed following the
address phase because the initiator provides both address and data. Data phases are the same for both read
and write transactions.
9.9.1.3.2
Transaction Termination
The termination of a PCI transaction is orderly and systematic, regardless of the cause of the termination.
All transactions end when FRAME and IRDY are both negated, indicating the idle cycle.
The PCI bridge as an initiator terminates a transaction when FRAME is negated and IRDY is asserted. This
indicates that the final data phase is in progress. The final data transfer occurs when both TRDY and IRDY
are asserted. A master-abort is an abnormal case of an initiated termination. If the PCI bridge detects that
DEVSEL has remained negated for more than four clocks after the assertion of FRAME, it negates
FRAME and then, on the next clock, negates IRDY. On aborted reads, the PCI bridge returns
0xFFFF_FFFF. The data is lost on aborted writes.
ADDR
CMD
PCI_CLK
AD[31:0]
PCI_C/BE[3:0]
FRAME
IRDY
DEVSEL
TRDY
DATA
BYTE ENABLES
ADDR
CMD
PCI_CLK
AD[31:0]
PCI_C/BE[3:0]
FRAME
IRDY
DEVSEL
TRDY
DATA4
DATA1
DATA2
DATA3
BEs 1
BEs 2
BEs 3
BEs 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com