Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 321 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 321 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 317Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 318Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 319Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 320Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 321Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 322Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 323Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 324Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 325Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-13
•
AD[1-0] is 0bx1 (a reserved burst ordering encoding) during the address phase and one data phase
has completed.
•
The PCI command is a configuration command and one data phase has completed when a
streaming transaction crosses a 4K page boundary.
•
A streaming transaction runs out of I/O sequencer buffer entries.
•
A cache line wrap transaction has completed a cache line transfer.
Another target-initiated termination is the retry termination. Retry refers to termination requested because
the target is currently in a state where it is unable to process the transaction. This can occur because no
buffer entries are available in the I/O sequencer, or the sixteen clock latency timer has expired without
transfer of the first data. The target latency timer of the PCI bridge can be optionally disabled see
Section 9.11.2.22, “PCI Bus Function Register.”
When the PCI bridge is in host mode it does not respond to any PCI configuration transactions. When the
PCI bridge is in agent mode and AGENT_CFG_LOCK is set (refer to Section 9.11.2.22, “PCI Bus
Function Register”) the PCI bridge will retry all configuration transactions. Note that all retried accesses
need to be completed. An example of a retry is shown in Figure 9-7.
Note that because a target can determine whether or not data is transferred (when both IRDY and TRDY
are asserted), if it wants to do only one more data transfer and then stop, it may assert TRDY and STOP at
the same time.
Target-abort refers to the abnormal termination that is used when a fatal error has occurred, or when a
target will never be able to respond. Target-abort is indicated by the fact that STOP is asserted and
DEVSEL is negated. This indicates that the target requires the transaction to be terminated and does not
want the transaction tried again. Note that any transferred data may have been corrupted.
The PCI bridge terminates a transaction with target-abort in the case in which it is the intended target of a
read transaction from system memory and the data from memory is corrupt. If the PCI bridge is the
intended target of a transaction and an address parity error occurs, or a data parity error occurs on a write
transaction to system memory, it continues the transaction on the PCI bus but aborts internally. The PCI
bridge does not target-abort in this case.
If the PCI bridge is mastering a transaction and the transaction terminates with a target-abort, undefined
data will be returned on a read and write data will be lost. An example of a target-abort is shown in
Figure 9-7.
An initiator may retry any target disconnect accesses, except target-abort, at a later time starting with the
address of the next non-transferred data. Retry is actually a special case of disconnect where no data
transfer occurs at all and the initiator must start the entire transaction over again.
9.9.1.4
Other Bus Operations
The following sections provide information on additional PCI bus operations.
9.9.1.4.1
Device Selection
As a target, the PCI bridge drives DEVSEL one clock following the address phase as indicated in the
configuration space status register; see Section 9.11.2.4, “PCI Bus Status Register.” The PCI bridge as a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com