Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 325 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 325 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 321Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 322Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 323Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 324Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 325Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 326Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 327Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 328Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 329Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-17
When the CONFIG_ADDRESS register gets written with a value such that the bus number matches the
bridge’s bus, the device number is all ones, the function number is all ones and the register number is zero,
the next time the CONFIG_DATA register is accessed the PCI bridge does either a special cycle or an
interrupt acknowledge command. When the CONFIG_DATA register is written, the PCI bridge generates
a special cycle encoding on the command/byte enable lines during the address phase, and drives the data
from the CONFIG_DATA register onto the address/data lines during the first data phase.
If the bus number field of the CONFIG_ADDRESS does not match one of the PCI bridge’s bus numbers,
the PCI bridge passes the write to CONFIG_DATA on through to the PCI bus as a type 1 configuration
cycle like any other time the bus number field does not match.
9.9.1.4.7
Interrupt Acknowledge
When the CONFIG_ADDRESS register gets written with a value such that the bus number is 0x00, the
device number is all ones, the function number is all ones and the register number is zero, the next time
the CONFIG_DATA register is accessed the PCI bridge does either a special cycle command or an
interrupt acknowledge command. When the CONFIG_DATA register is read, the PCI bridge generates an
interrupt acknowledge command encoding on the command/byte enable lines during the address phase.
During the address phase, AD[31-0] do not contain a valid address but are driven with stable data and valid
parity (PAR). During the data phase, the byte enable signals determine which bytes are involved in the
transaction. The interrupt vector must be returned when TRDY is asserted.
An interrupt acknowledge transaction can also be issued on the PCI bus by reading from the
PCI_INT_ACK register.
9.9.1.5
Error Functions
This section discusses PCI bus errors.
9.9.1.5.1
Parity
During valid 32-bit address and data transfers, parity covers all 32 address/data lines and the 4
command/byte enable lines regardless of whether or not all lines carry meaningful information. Byte lanes
not actually transferring data are driven with stable (albeit meaningless) data and are included in the parity
calculation. During configuration, special cycle or interrupt acknowledge commands, some address lines
are not defined but are still driven to stable values and included in the parity calculation.
Even parity is calculated for all PCI operations: the value of PAR is generated such that the number of ones
on AD[31-0], PCI_C/BE[3-0] and PAR equals an even number. PAR is driven when the address/data lines
are driven and follow the corresponding address or data by one clock.
The PCI bridge checks the parity after all valid address phases (the assertion of FRAME) and for valid data
transfers (IRDY and TRDY asserted) involving the PCI bridge. When an address or data parity error is
detected, the detected-parity-error bit in the configuration space status register is set (see Section 9.11.2.4,
“PCI Bus Status Register”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com