Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 329 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 329 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 325Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 326Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 327Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 328Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 329Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 330Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 331Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 332Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 333Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-21
completes one more data phase and relinquishes the bus. The master latency timer can be disabled if
needed (see Section 9.11.2.22, “PCI Bus Function Register”).
9.10
Address Map
A transaction sent to the PCI bridge from any 60x bus master side falls into one of the following three
cases:
•
If the transaction address is within the internal register space of the MPC8280, the transaction is
handled by the PCI bridge internal register logic. (The internal registers are described in this
chapter.)
•
If the transaction address is within one of the three outbound PCI translation windows (described
in this chapter), the transaction is sent to the PCI bus with address translation.
•
If the transaction address is not within the internal register space and not within a PCI translation
window, the transaction is sent to the PCI bus with no address translation as a PCI memory
transaction to non-prefetchable space.
An address decode flow chart for transactions from the 60x bus masters to the PCI bridge is shown in
Figure 9-11.
Figure 9-11. Address Decode Flow Chart for 60x Bus Mastered Transactions
Transactions directed to the MPC8280 from a PCI bus master are handled as follows:
•
If the transaction address is within the internal register space of the MPC8280, the transaction is
either handled by the PCI bridge internal register logic or forwarded to the core side of the PCI
bridge to be handled by the MPC8280 internal register logic as appropriate.
Hit PCI
internal registers
?
Hit
Outbound ATU
?
No
Yes
60x bus mastered
Hit
IMMR
?
transaction
(1)
Yes
No
Execute register
access to
PCI interface
internal registers
Hit
PCIBR0/PCIBR1
?
No action
Yes
No
Translate the
address
Issue transaction
with translated
address to PCI
Yes
No
Issue transaction
with un-translated
address to PCI
(1): IMMR+0x10400
≤ addr ≤ IMMR+0x10bff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com