Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 331 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 331 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 327Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 328Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 329Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 330Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 331Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 332Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 333Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 334Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 335Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-23
NOTE
When a transaction is performed by a PCI master, the bridge checks the
address against inbound ATUs and if it does not hit, it then checks against
PIMMR; if it is a hit, the bridge translates it to a 60x cycle. Because PIMMR
does not have an associated translation register and window size definition,
the translation is performed as follows: a 128-Kbyte window is provided for
the PCI master to access the MPC8280’s internal (dual port) registers. It
translates to the MPC8280’s IMMR value for the upper bits of the address.
This allows the PCI master to access any of the PCI-bridge registers without
wasting an inbound translation window. In effect, there are a total of three
inbound windows, 2 with ATUs and 1 with PIMMR.
Transactions initiated by the DMA controller or message unit fall into one of the following cases:
•
If the transaction address is within one of the outbound PCI translation windows, the transaction is
sent to the PCI bus with address translation.
•
If the transaction address is not within a PCI translation window, the transaction is sent to the core
side of the PCI bridge with no address translation.
An address decode flow chart for transactions from the DMA controller or message unit to the PCI bridge
is shown in Figure 9-13.
Figure 9-13. Address Decode Flow Chart for Embedded Utilities
(DMA, Message Unit) Mastered Transactions
Example address mappings of these different types of transactions are shown in Figure 9-14. Note that the
translation mechanism shown is an example only; the address translation, as well as the memory and I/O
destinations, can be programmed independently for each address translation window.
No
Yes
DMA/MU mastered
transaction
Issue transaction
with translated
address to PCI
Issue transaction
with un-translated
address to 60x bus
Hit
Outbound ATU
?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com