Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 330 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 330 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 326Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 327Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 328Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 329Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 330Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 331Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 332Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 333Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 334Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-22
Freescale Semiconductor
•
If the transaction address is within one of the two inbound PCI translation windows, the transaction
is sent to the core side of the PCI bridge with address translation.
This window is provided for the PCI master to access the MPC8280's
internal (dual port) registers/area. Its size is assumed to be fixed at 128K
bytes. It translates to the MPC8280's IMMR value for the upper bits of the
address. This way, the PCI master can access any of the PCI bridge registers
(DMA/MU, etc.) without wasting an inbound translation window. In effect,
it suggests that we have a total of three inbound windows, 2 with ATUs and
one with PIMMR.
An address decode flow chart for transactions from a PCI bus master to the PCI bridge is shown in
Figure 9-12.
Figure 9-12. Address Decode Flow Chart for PCI Mastered Transactions
No
Yes
PCI mastered
transaction
Hit
PIMMR
?
No
Yes
(1): IMMR+0x10400
≤ addr ≤ IMMR+0x10bff
Hit
Inbound ATU
?
No DEVSEL
Translate the
address
Hit PCI
internal registers
?
No
Yes
Hit
IMMR
?
Yes
No
Execute register
access to
PCI interface
internal registers
Issue transaction
to 60x bus
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com