Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 333 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 333 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 329Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 330Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 331Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 332Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 333Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 334Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 335Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 336Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 337Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-25
are routed to the PCI bus with address translation disabled. The reset configuration for inbound
transactions are that all inbound requests from the PCI bus are disabled.
9.10.2.1
PCI Inbound Translation
For inbound transactions (transactions generated by an external master on the PCI bus where the PCI
bridge responds as a slave device), the PCI bridge only responds to PCI addresses within the windows
mapped by the PCI inbound base address registers (PIBARs). If there is an address hit in one of the
PIBARs, the PCI address is translated from PCI space to local memory space through the associated PCI
inbound translation address registers (PITARs). This allows an external master to access local memory on
the 60x’s bus. Each PIBAR register is associated with a PITAR and PICMR (PCI inbound comparison
mask register) which are located in the PCI bridge’s PCI internal register space. Figure 9-15 shows an
example translation window for inbound memory accesses.
Figure 9-15. Inbound PCI Memory Address Translation
There are two sets of inbound translation registers, allowing two simultaneous translation windows.
Software can move the translation base addresses during run-time to access different portions of local
memory, but be sure that the PCI inbound translation windows do not overlap.
The reset configuration for the windows is disabled; that is, after reset, the PCI bridge does not
acknowledge externally mastered transactions on the PCI bus by asserting DEVSEL until the inbound
translation windows are enabled. The inbound translation is performed in the PCI interface.
60x bus view
PCI memory view
00
4G
4G
Peripheral memory
window
Local memory
PCI memory
System memory
Local peripheral
memory
PCI memory
Inbound address
translation
PCI inbound
translation
address
PCI inbound
window size
PCI inbound
base
address
PCI inbound
window size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com