Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 336 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 336 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 332Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 333Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 334Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 335Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 336Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 337Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 338Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 339Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 340Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-28
Freescale Semiconductor
0x10458
Outbound message register 0 (OMR0)
R/W
undefined
9.12.1.2/9-67
0x1045C
Outbound message register 1 (OMR1)
R/W
undefined
9.12.1.2/9-67
0x10460
Outbound doorbell register (ODR)
R/W
0x0000_0000
9.12.2.1/9-68
0x10468
Inbound doorbell register (IDR)
R/W
0x0000_0000
9.12.2.2/9-69
0x10480
Inbound message interrupt status register (IMISR)
R/W
0x0000_0000
9.12.3.4.5/9-82
0x10484
Inbound message interrupt mask register (IMIMR)
R/W
0x0000_0000
9.12.3.4.6/9-83
0x104A0
Inbound free_FIFO head pointer register (IFHPR)
R/W
0x0000_0000
9.12.3.2.1/9-72
0x104A8
Inbound free_FIFO tail pointer register (IFTPR)
R/W
0x0000_0000 9.12.3.2.1/9-72
0x104B0
Inbound post_FIFO head pointer register (IPHPR)
R/W
0x0000_0000
9.12.3.2.2/9-73
0x104B8
Inbound post_FIFO tail pointer register (IPTPR)
R/W
0x0000_0000
9.12.3.2.2/9-73
0x104C0
Outbound free_FIFO head pointer register (OFHPR)
R/W
0x0000_0000
9.12.3.3.1/9-75
0x104C8
Outbound free_FIFO tail pointer register (OFTPR)
R/W
0x0000_0000 9.12.3.3.1/9-75
0x104D0
Outbound post_FIFO head pointer register (OPHPR)
R/W
0x0000_0000
9.12.3.3.2/9-76
0x104D8
Outbound post_FIFO tail pointer register (OPTPR)
R/W
0x0000_0000
9.12.3.3.2/9-76
0x104E4
Message unit control register (MUCR)
R/W
0x0000_0002 9.12.3.4.7/9-84
0x104F0
Queue base address register (QBAR)
R/W
0x0000_0000 9.12.3.4.8/9-85
0x10500
DMA 0 mode register (DMAMR0)
R/W
0x0000_0000
9.13.1.6.1/9-89
0x10504
DMA 0 status register (DMASR0)
R/W
0x0000_0000
9.13.1.6.2/9-91
0x10508
DMA 0 current descriptor address register (DMACDAR0)
R/W
0x0000_0000
9.13.1.6.3/9-92
0x10510
DMA 0 source address register (DMASAR0)
R/W
0x0000_0000
9.13.1.6.4/9-93
0x10518
DMA 0 destination address register (DMADAR0)
R/W
0x0000_0000
9.13.1.6.5/9-94
0x10520
DMA 0 byte count register (DMABCR0)
R/W
0x0000_0000
9.13.1.6.6/9-94
0x10524
DMA 0 next descriptor address register (DMANDAR0)
R/W
0x0000_0000
9.13.1.6.7/9-95
0x10580
DMA 1 mode register (DMAMR1)
R/W
0x0000_0000
9.13.1.6.1/9-89
0x10584
DMA 1 status register (DMASR1)
R/W
0x0000_0000
9.13.1.6.2/9-91
0x10588
DMA 1 current descriptor address register (DMACDAR1)
R/W
0x0000_0000
9.13.1.6.3/9-92
0x10590
DMA 1 source address register (DMASAR1)
R/W
0x0000_0000
9.13.1.6.4/9-93
0x10598
DMA 1 destination address register (DMADAR1)
R/W
0x0000_0000
9.13.1.6.5/9-94
0x105A0
DMA 1 byte count register (DMABCR1)
R/W
0x0000_0000 9.13.1.6.6/9-94
0x105A4
DMA 1 next descriptor address register (DMANDAR1)
R/W
0x0000_0000
9.13.1.6.7/9-95
0x10600
DMA 2 mode register (DMAMR2)
R/W
0x0000_0000
9.13.1.6.1/9-89
0x10604
DMA 2 status register (DMASR2)
R/W
0x0000_0000
9.13.1.6.2/9-91
Table 9-3. Internal Memory Map (continued)
Address
(offset)
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com