Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 340 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 340 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 336Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 337Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 338Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 339Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 340Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 341Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 342Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 343Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 344Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-32
Freescale Semiconductor
9.11.1.5
PCI Outbound Comparison Mask Registers (POCMR
x)
The PCI outbound comparison mask registers (POCMRx), shown in Figure 9-19, defines the window size
to translate.
Figure 9-19. PCI Outbound Comparison Mask Registers (POCMR
x)
Table 9-6 describes POCMRx.
31
30
29
28
20
19
16
Field
EN
I/O
PRE
—
CM
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10812 (POCMR0); 0x2082A (POCMR1); 0x10842 (POCMR2)
15
0
Field
CM
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10810 (POCMR0); 0x20828 (POCMR1); 0x10840 (POCMR2)
Table 9-6. POCMR
x Field Descriptions
Bits
Name
Description
31
Enable
This bit enables this address translation
30
I/O
This bit indicates that the translation is to PCI memory or PCI I/O space
0 PCI memory
1 PCI I/O
29
Prefetchable
This bit indicates that the address space is prefetchable, so streaming can occur
0 not prefetchable
1 prefetchable
28–20
—
Reserved, should be cleared.
19–0
Comparison mask
Comparison mask indicates the size of the space to be translated. The value in the
register represents which of the most significant address bits to compare for a
window match. Non-contiguous comparison masks will exhibit unpredictable
behavior.
Examples:
POCMR = 0b0xxx_xxxx_xxxx_xxxx_xxxx_xxxx_xxxx_xxxx
Translation is disabled. All addresses received pass through unaltered.
POCMR = 0b1xxx_xxxx_xxxx_1111_1111_1111_1111_1111
20 bits (physical address bits 31-12) are comparison masked for a 4Kbyte window
size. This is the smallest window size allowed.
POCMR = 0b1xxx_xxxx_xxxx_1111_1111_1111_0000_0000
12 bits (physical address bits 31-20) for a 1Mbyte window size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com