Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 344 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 344 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 340Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 341Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 342Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 343Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 344Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 345Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 346Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 347Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 348Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-36
Freescale Semiconductor
Figure 9-23. Error Status Register (ESR)
Table 9-10 describes ESR fields.
31
16
Field
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10886
15
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Field
—
I2O_
DBMC
NMI
IRA
I2O_
IPQO
I2O_
OFQO
PERR_
WR
PERR_
RD
PCI_
SERR
TAR_
ABT
NO_
RSP
DATA_
PAR_
RD
DATA_
PAR_
WR
ADDR_
PAR
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10884
Table 9-10. ESR Field Descriptions
Bits
Name
Description
31–13
—
Reserved, should be cleared.
12
I2O_DBMC
I2O DoorBell Machine Check. When a PCI-mastered write sets IDBR[31], a
machine check is sent to the local processor and the event is reported in
ESR[I2O_DBMC].
This bit is also set in the following cases:
• An overflow condition in the inbound posted I2O queue
• An overflow condition in the outbound free I2O queue.
These two interrupts can be masked in the I2O unit.
11
NMI
General error/interrupt indication. In host mode, this bit is set when a 60x bus
write transaction initiated by the PCI bridge is terminated by the assertion of
TEA. In agent mode, this bit is set when the GPCR[MCP2PCI] bit is set and an
internal machine check interrupt (MCP) is issued by one of the MPC8280’s MCP
sources.
Machine check and interrupt assertion is determined by ECR[11].
The reset value of ECR[11], logic zero, indicates that an interrupt will be asserted
if ESR[NMI] is set (and enabled per EMR[11]).
10
IRA
Illegal register access with incorrect size.
9
I2O_IPQO
I2O inbound post queue overflow.
8
I2O_OFQO
I2O outbound free queue overflow.
7
PCI_PERR_WR
PCI parity error received on a write.
6
PCI_PERR_RD
PCI parity error received on a read.
5
PCI_SERR
PCI SERR received.
4
PCI_TAR_ABT
PCI target abort



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com