Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 343 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 343 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 339Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 340Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 341Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 342Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 343Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 344Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 345Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 346Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 347Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-35
9.11.1.8
PCI General Control Register (PCI_GCR)
The PCI general control register (PCI_GCR), shown in Figure 9-22, contains a bit for controlling the PCI
reset signal when in host mode.
Figure 9-22. PCI General Control Register (PCI_GCR)
Table 9-9 describes PCI_GCR fields.
9.11.1.9
Error Status Register (ESR)
The error status register (ESR), shown in Figure 9-23, contains status bits for various types of error
conditions captured by the PCI bridge. Each status bit is set when the corresponding error condition is
captured. Each bit is cleared by writing a one.
12–1
—
Reserved, should be cleared.
0
LE_MODE
Little endian mode. Controls the translation of 60x-PCI and PCI-60x. Refer to
Section 9.11.2.27.1, “Additional Information on Endianess,” for more details.
0 Big endian mode.
1 Little endian mode.
31
16
Field
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10882
15
10
Field
—
SPRST
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10880
Table 9-9. PCI_GCR Field Descriptions
Bits
Name
Description
31–1
—
Reserved, should be cleared.
0
Soft PCI Reset
Only valid when in host mode. Allows PCI_RST to be controlled software.
Setting this bit drives the PCI reset signal high; clearing it drives the signal low.
Table 9-8. GPCR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com