Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 339 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 339 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 335Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 336Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 337Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 338Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 339Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 340Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 341Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 342Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 343Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-31
Table 9-4 describes POTARx.
9.11.1.4
PCI Outbound Base Address Registers (POBAR
x)
The PCI outbound base address registers (POBARx), shown in Figure 9-18, select the base address for the
windows which are translated to the PCI address space for transactions generated by the 60x bus master
or other local devices such as the DMA controller.
Figure 9-18. PCI Outbound Base Address Registers (POBAR
x)
Table 9-5 describes POBARx.
Addresses for outbound transactions are compared to the POBARs and the IMMR register. If the
transaction does not fall within one of these two spaces, it is forwarded to the PCI bus without modification
(see Figure 9-11). DMA-generated transactions to addresses which “miss” the POBARs are issued
(without translation) to the 60x bus (see Figure 9-13).
Table 9-4. POTAR
x Field Descriptions
Bits
Name
Description
31–20
—
Reserved, should be cleared.
19–0
Translation Address
PCI address which indicates the starting point of the outbound translated
address. The translation address must be aligned based on the window’s size.
This corresponds to bits 31-12 of a 32-bit address
31
20
19
16
Field
—
BA
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x1080A (POBAR0); 0x10822 (POBAR1); 0x1083A (POBAR2)
15
0
Field
BA
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10808 (POBAR0); 0x10820 (POBAR1); 0x10838 (POBAR2)
Table 9-5. POBAR
x Field Descriptions
Bits
Name
Description
31–20
—
Reserved, should be cleared.
19–0
Base Address
Local address which is the starting point for the outbound translation window.
This corresponds to bits 31-12 of a 32-bit address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com