Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 342 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 342 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 338Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 339Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 340Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 341Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 342Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 343Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 344Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 345Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 346Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-34
Freescale Semiconductor
Figure 9-21. General Purpose Control Register (GPCR)
Table 9-8 describes GPCR fields.
31
20
19
18
17
16
Field
—
DMABC
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x1087E
15
14
13
12
10
Field
—
INTPCI
MCP2PCI
—
LE_MODE
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x1087C
Table 9-8. GPCR Field Descriptions
Bits
Name
Description
31–20
—
Reserved, should be cleared.
19–18
DMABC
DMA 60x bandwidth control
00 DMA uses low 60x bandwidth.
01 DMA uses high 60x bandwidth.
10 DMA uses maximum 60x bus bandwidth.
11 DMA uses minimum 60x bandwidth.
Allows breaks to be inserted in the DMA controller operation. This control may
be needed to avoid starvation of other 60x masters because the PCI bridge can
have higher priorities than other masters. The breaks are inserted only if some
other 60x bus master requests the bus.
The user should find the optimum setting by testing, arriving at the best for each
specific implementation. For most systems the default value (low 60x bandwidth
for the dma) will be good. Note that if the dma is the only master that needs the
bus during the period of the
transfer, the bandwidth is not affected.
17–15
—
Reserved, should be cleared.
14
INT2PCI
Interrupt reroute to PCI.
0 Interrupts are not rerouted to the PCI. Sent to the core if it is enabled or output
on IRQ7 if the core is disabled.
1 All SIU pending interrupts are rerouted to PCI's INTA. Useful in agent mode.
13
MCP2PCI
Machine check reroute to PCI.
0 Machine check interrupts are not rerouted to the PCI. Sent to the core if it is
enabled or output on IRQ0 if the core is disabled
1 All machine check interrupts are rerouted to PICE’s INTA. Useful in agent
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com