Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 346 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 346 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 342Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 343Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 344Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 345Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 346Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 347Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 348Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 349Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 350Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-38
Freescale Semiconductor
9.11.1.11 Error Control Register (ECR)
The error control register (ECR) register, shown in Figure 9-25, determines whether the IOU asserts an
interrupt or a machine check for the error conditions listed in Table 9-10. The IOU asserts an interrupt or
machine check only if the mask bit for the error condition (refer to Table 9-11) is set. Each bit is defined
as follows:
•
Zero: The IOU issues an interrupt upon the error condition.
•
One: The IOU issues a machine check upon the error condition.
Figure 9-25. Error Control Register (ECR)
7
PCI_PERR_WR
PCI parity error received on a write. The MPC8280 sinks PERR. This error is only
a function of data.
6
PCI_PERR_RD
PCI parity error received on a read. The MPC8280 sinks PERR. This error is only
a function of data.
5
PCI_SERR
PCI SERR received.
4
PCI_TAR_ABT
PCI target abort
3
PCI_NO_RSP
PCI no response (no DEVSEL; master abort).
2
PCI_DATA_PAR_RD
PCI read data parity error. The MPC8280 sources PERR. This error is only a
function of data.
1
PCI_DATA_PAR_WR
PCI write data parity error. The MPC8280 sources PERR. This error is only a
function of data.
0
PCI_ADDR_PAR
PCI address parity error (read or write).
31
16
Field
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x1088E
15
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Field
—
I2O_
DBMC
NMI
IRA
I2O_
IPQO
I2O_
OFQO
PERR_
WR
PERR_
RD
SERR
TAR_
ABT
NO_
RSP
DATA_
PAR_
RD
DATA_
PAR_
WR
ADDR_
PAR
Reset
0000_0000_1111_1111
R/W
R/W
Addr
0x1088C
Table 9-11. EMR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com